Electronic Components Datasheet Search
  English  ▼

X  

VRW25 Datasheet(PDF) 2 Page - TT Electronics.

Part # VRW25
Description  High Voltage Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

VRW25 Datasheet(HTML) 2 Page - TT Electronics.

  VRW25 Datasheet HTML 1Page - TT Electronics. VRW25 Datasheet HTML 2Page - TT Electronics. VRW25 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Voltage Thick Film Resistors
VRW Series
High Voltage
Thick Film Resistors
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
05.08
Welwyn Components
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated voltage (1000hrs at 70˚C)
4
.
0
5*
.
1
%
R
C
˚
5
5
1
t
a
o
r
e
z
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV)
5
1
.
0
1
%
R
Damp heat steady state (56 days, 40˚C, 90% RH)
1
.
0
5
.
1
%
R
Climatic sequence
2
.
0
5
.
1
%
R
Climatic category
55/155/56
Temperature rapid change
5
0
.
0
5
.
0
%
R
Resistance to solder heat
5
0
.
0
5
.
0
%
R
Vibration
5
0
.
0
5
.
0
%
R
n
i
m
0
0
7
s
tl
o
v
f
o
o
r
P
e
g
a
tl
o
V
71
Maximum peak voltage in accordance with “IEC 60065 chapter 14.1”
50 discharges from a 1nF capacitor charged to V max. 12 discharges/minute.
Application Notes
1. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An
estimate of the temperature rise to be expected at the center of the body can be calculated using the
thermal impedance figures given under Electrical Data.
2. VRW resistors can be supplied with radial, goalpost or lancet pre-formed leads. The VRW37 is also
available in ZI-form SMD format packed in blister tape - see http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/ZI-form.pdf
Packaging
Our standard packaging for VRW is taped and
boxed. The critical dimensions are shown in
Figure 1. The component wires will not
protrude beyond the outside edge of the
tapes. Alternative packaging is available by
request. Pre-formed resistors are supplied
loose packed in plastic bags or boxes.
Performance Data
Pulse Performace
VRW Series
Pulse Performance
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV or 10kV in air)
2
1
10
100
0.1
1
10
100
Value (megohms)
VRW25
VRW37
VRW68
Type
b
c
VRW25/37
52 ±2mm
5 ±0.5mm
VRW68
73 ±2mm
10 ±0.5mm
6
mm
2
f
1
f
6
mm
c
Body location f1-f2 1.4mm
b
* 2% for ohmic values above 24M
High Voltage
Thick Film Resistors
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
05.08
Welwyn Components
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated voltage (1000hrs at 70˚C)
4
.
0
5*
.
1
%
R
C
˚
5
5
1
t
a
o
r
e
z
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV)
5
1
.
0
1
%
R
Damp heat steady state (56 days, 40˚C, 90% RH)
1
.
0
5
.
1
%
R
Climatic sequence
2
.
0
5
.
1
%
R
Climatic category
55/155/56
Temperature rapid change
5
0
.
0
5
.
0
%
R
Resistance to solder heat
5
0
.
0
5
.
0
%
R
Vibration
5
0
.
0
5
.
0
%
R
n
i
m
0
0
7
s
tl
o
v
f
o
o
r
P
e
g
a
tl
o
V
71
Maximum peak voltage in accordance with “IEC 60065 chapter 14.1”
50 discharges from a 1nF capacitor charged to V max. 12 discharges/minute.
Application Notes
1. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An
estimate of the temperature rise to be expected at the center of the body can be calculated using the
thermal impedance figures given under Electrical Data.
2. VRW resistors can be supplied with radial, goalpost or lancet pre-formed leads. The VRW37 is also
available in ZI-form SMD format packed in blister tape - see http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/ZI-form.pdf
Packaging
Our standard packaging for VRW is taped and
boxed. The critical dimensions are shown in
Figure 1. The component wires will not
protrude beyond the outside edge of the
tapes. Alternative packaging is available by
request. Pre-formed resistors are supplied
loose packed in plastic bags or boxes.
Performance Data
Pulse Performace
VRW Series
Pulse Performance
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV or 10kV in air)
2
1
10
100
0.1
1
10
100
Value (megohms)
VRW25
VRW37
VRW68
Type
b
c
VRW25/37
52 ±2mm
5 ±0.5mm
VRW68
73 ±2mm
10 ±0.5mm
6
mm
2
f
1
f
6
mm
c
Body location f1-f2 1.4mm
b
* 2% for ohmic values above 24M
High Voltage
Thick Film Resistors
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
05.08
Welwyn Components
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated voltage (1000hrs at 70˚C)
4
.
0
5*
.
1
%
R
C
˚
5
5
1
t
a
o
r
e
z
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV)
5
1
.
0
1
%
R
Damp heat steady state (56 days, 40˚C, 90% RH)
1
.
0
5
.
1
%
R
Climatic sequence
2
.
0
5
.
1
%
R
Climatic category
55/155/56
Temperature rapid change
5
0
.
0
5
.
0
%
R
Resistance to solder heat
5
0
.
0
5
.
0
%
R
Vibration
5
0
.
0
5
.
0
%
R
n
i
m
0
0
7
s
tl
o
v
f
o
o
r
P
e
g
a
tl
o
V
71
Maximum peak voltage in accordance with “IEC 60065 chapter 14.1”
50 discharges from a 1nF capacitor charged to V max. 12 discharges/minute.
Application Notes
1. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An
estimate of the temperature rise to be expected at the center of the body can be calculated using the
thermal impedance figures given under Electrical Data.
2. VRW resistors can be supplied with radial, goalpost or lancet pre-formed leads. The VRW37 is also
available in ZI-form SMD format packed in blister tape - see http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/ZI-form.pdf
Packaging
Our standard packaging for VRW is taped and
boxed. The critical dimensions are shown in
Figure 1. The component wires will not
protrude beyond the outside edge of the
tapes. Alternative packaging is available by
request. Pre-formed resistors are supplied
loose packed in plastic bags or boxes.
Performance Data
Pulse Performace
VRW Series
Pulse Performance
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV or 10kV in air)
2
1
10
100
0.1
1
10
100
Value (megohms)
VRW25
VRW37
VRW68
Type
b
c
VRW25/37
52 ±2mm
5 ±0.5mm
VRW68
73 ±2mm
10 ±0.5mm
6
mm
2
f
1
f
6
mm
c
Body location f1-f2 1.4mm
b
* 2% for ohmic values above 24M
High Voltage
Thick Film Resistors
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
05.08
Welwyn Components
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated voltage (1000hrs at 70˚C)
4
.
0
5*
.
1
%
R
C
˚
5
5
1
t
a
o
r
e
z
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV)
5
1
.
0
1
%
R
Damp heat steady state (56 days, 40˚C, 90% RH)
1
.
0
5
.
1
%
R
Climatic sequence
2
.
0
5
.
1
%
R
Climatic category
55/155/56
Temperature rapid change
5
0
.
0
5
.
0
%
R
Resistance to solder heat
5
0
.
0
5
.
0
%
R
Vibration
5
0
.
0
5
.
0
%
R
n
i
m
0
0
7
s
tl
o
v
f
o
o
r
P
e
g
a
tl
o
V
71
Maximum peak voltage in accordance with “IEC 60065 chapter 14.1”
50 discharges from a 1nF capacitor charged to V max. 12 discharges/minute.
Application Notes
1. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An
estimate of the temperature rise to be expected at the center of the body can be calculated using the
thermal impedance figures given under Electrical Data.
2. VRW resistors can be supplied with radial, goalpost or lancet pre-formed leads. The VRW37 is also
available in ZI-form SMD format packed in blister tape - see http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/ZI-form.pdf
Packaging
Our standard packaging for VRW is taped and
boxed. The critical dimensions are shown in
Figure 1. The component wires will not
protrude beyond the outside edge of the
tapes. Alternative packaging is available by
request. Pre-formed resistors are supplied
loose packed in plastic bags or boxes.
Performance Data
Pulse Performace
VRW Series
Pulse Performance
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV or 10kV in air)
2
1
10
100
0.1
1
10
100
Value (megohms)
VRW25
VRW37
VRW68
Type
b
c
VRW25/37
52 ±2mm
5 ±0.5mm
VRW68
73 ±2mm
10 ±0.5mm
6
mm
2
f
1
f
6
mm
c
Body location f1-f2 1.4mm
b
* 2% for ohmic values above 24M
2. VRW37 can be supplied with radial, goalpost or lancet pre-formed leads- see
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Application-Note/TN008-Resistors-Leadform-Capability.pdf
High Voltage
Thick Film Resistors
SQP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
05.08
Welwyn Components
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load at rated voltage (1000hrs at 70˚C)
4
.
0
5*
.
1
%
R
C
˚
5
5
1
t
a
o
r
e
z
C
˚
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV)
5
1
.
0
1
%
R
Damp heat steady state (56 days, 40˚C, 90% RH)
1
.
0
5
.
1
%
R
Climatic sequence
2
.
0
5
.
1
%
R
Climatic category
55/155/56
Temperature rapid change
5
0
.
0
5
.
0
%
R
Resistance to solder heat
5
0
.
0
5
.
0
%
R
Vibration
5
0
.
0
5
.
0
%
R
n
i
m
0
0
7
s
tl
o
v
f
o
o
r
P
e
g
a
tl
o
V
71
Maximum peak voltage in accordance with “IEC 60065 chapter 14.1”
50 discharges from a 1nF capacitor charged to V max. 12 discharges/minute.
Application Notes
1. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An
estimate of the temperature rise to be expected at the center of the body can be calculated using the
thermal impedance figures given under Electrical Data.
2. VRW resistors can be supplied with radial, goalpost or lancet pre-formed leads. The VRW37 is also
available in ZI-form SMD format packed in blister tape - see http://www.ttelectronics.com/themes/ttelectronics/datasheets/resistors/ZI-form.pdf
Packaging
Our standard packaging for VRW is taped and
boxed. The critical dimensions are shown in
Figure 1. The component wires will not
protrude beyond the outside edge of the
tapes. Alternative packaging is available by
request. Pre-formed resistors are supplied
loose packed in plastic bags or boxes.
Performance Data
Pulse Performace
VRW Series
Pulse Performance
Overload (10 x 5s at 6.25 x Pr not exceeding 2 x LEV or 10kV in air)
2
1
10
100
0.1
1
10
100
Value (megohms)
VRW25
VRW37
VRW68
Type
b
c
VRW25/37
52 ±2mm
5 ±0.5mm
VRW68
73 ±2mm
10 ±0.5mm
6
mm
2
f
1
f
6
mm
c
Body location f1-f2 1.4mm
b
* 2% for ohmic values above 24M
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
VRW37 is also available in ZI-form SMD format packed in blister tape- see
https://www.ttelectronics.com/TTElectronics/media/ProductFiles/Resistors/Datasheets/ZI-form.pdf



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com