Electronic Components Datasheet Search
  English  ▼

X  

WA82 Datasheet(PDF) 1 Page - TT Electronics.

Part # WA82
Description  General Purpose Cement Coated Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WA82 Datasheet(HTML) 1 Page - TT Electronics.

  WA82 Datasheet HTML 1Page - TT Electronics. WA82 Datasheet HTML 2Page - TT Electronics. WA82 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Surface mount ZI-form option
Flameproof protection
Can replace carbon comp. in many applications
Resistance values down to 0.01 ohms
Ideal for pulse handling applications
General Purpose Cement
Coated Wirewound Resistors
WA80 Series
Dimensions (mm) and Weight (g)
PCB
Min
mounting
bend
Wt
Type
L max.
D max.
f min.
d nom.
centres
radius
nom.
WA82
6.2
2.8
21.20
0.6
10.20
0.6
0.22
WA83
9.0
3.6
19.80
0.8
12.50
1.2
0.50
WA835
12.5
4.5
17.80
0.8
17.50
1.2
0.50
WA84
14.5
5.2
24.55
0.8
20.00
1.2
1.10
(Note 1)
(Note 2)
Note 1: 5.4 for values 0R1
Note 2: 7.2 for values 0R1
WA85
16.5
7.0
23.55
0.8
22.00
1.2
1.75
General Purpose Cement
Coated Wirewound Resistors
WA80 Series
Cost effective
Flameproof protection
Can replace carbon comp. in many applications
Resistance values down to 0.01 ohms
Ideal for pulse handling applications
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
WA82
WA83
WA835
WA84
WA85
Power rating at 25°c
watt s
1
2.0
2.5
3.0
5
Power rating at 70°c
watt s
.86
1.6
2.0
2.5
4.3
Resistance range
ohms 0R068 to 430R 0R05 to 900R 0R05 to 900R
0R01 to 2K2
0R015 to 6K8
Limiting element voltage
volts
50
50
75
100
150
Isolation voltage
volts
250
250
250
350
500
1
<
C
°/
m
p
p
R
C
T
Ω
1
>
0
5
3
:
Ω:200
0
1
,
5
:
R
0
2
<
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
si
s
e
R
≥20R: 1, 2, 5, 10
Values
E24 preferred
Thermal impedance
°C/wat t
140
110
90
82
54
200
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
Electrical Data
Physical Data
07.11
A subsidiary of
TT electronics plc
Welwyn Components
L
D
f
d
Construction
A high quality ceramic substrate is assembled with
interference fit end caps to which are welded the termination
wires. The resistive element is wound on the substrate and
welded to the caps. Cement protection is applied to the
resistor body before marking with indelible ink.
Terminations
Material
Hot tin dipped copper wire
Strength
The terminations meet requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements of IEC
115-1, Clause 4.17.3.2.
≥
≥
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - WA82

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WA82 WELWYN-WA82 Datasheet
114Kb / 3P
General Purpose Cement Coated Wirewound Resistors
logo
TT Electronics.
WA82 TTELEC-WA82 Datasheet
113Kb / 3P
General Purpose Cement Coated Wirewound Resistors
08.04
More results

Similar Description - WA82

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
Tubular Cement Coated Wirewound Resistors
W30 WELWYN-W30 Datasheet
116Kb / 2P
Cement Coated Wirewound Resistors
WA80 WELWYN-WA80 Datasheet
114Kb / 3P
General Purpose Cement Coated Wirewound Resistors
WA80Z WELWYN-WA80Z Datasheet
434Kb / 3P
Cement Coated Surface Mount Wirewound Resistors
logo
MERITEK ELECTRONICS COR...
SQM MERITEK-SQM Datasheet
222Kb / 6P
Cement Wirewound Resistors (Radial Type)
logo
Welwyn Components Limit...
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
Cement Coated Wirewound Resistors
WA83-470RJI WELWYN-WA83-470RJI Datasheet
388Kb / 3P
General Purpose Cement Coated Wirewound Resistors
logo
Vishay Siliconix
WSZ VISHAY-WSZ_15 Datasheet
102Kb / 3P
Wirewound Resistors, Surface Mount,Silicone or Cement Coated, High Power
02-Apr-14
WSZ7532 VISHAY-WSZ7532 Datasheet
86Kb / 3P
Leaded Wirewound Resistors, Surface Mount, Silicone or Cement Coated, High Power
10-Mar-2020
WSZ6720 VISHAY-WSZ6720 Datasheet
95Kb / 4P
Leaded Wirewound Resistors, Surface Mount, Cement Coated, High Power
16-Jan-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com