Electronic Components Datasheet Search
  English  ▼

X  

WA82 Datasheet(PDF) 3 Page - TT Electronics.

Part # WA82
Description  General Purpose Cement Coated Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WA82 Datasheet(HTML) 3 Page - TT Electronics.

  WA82 Datasheet HTML 1Page - TT Electronics. WA82 Datasheet HTML 2Page - TT Electronics. WA82 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WA80 Series
General Purpose Cement
Coated Wirewound Resistors
Ordering Procedure
Example: WA83-470RJI (WA83, 470 ohms ±5%, Pb-free)
W A
A
8
3
-
4
7
0 R J
I
1
2
3
4
Type
Value
Tolerance
Packing
WA82 E24 = 3/4 characters F = ±1%
I Ammo
WA82 5000/box
WA83
R = ohms
G = ±2%
WA83 2500/box
WA835
K = kilohms
J = ±5%
WA835 1500/box
WA84
K = ±10%
WA84 1000/box
WA85
Tape
WA85
750/reel
1
2
3
4
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com