Electronic Components Datasheet Search
  English  ▼

X  

SPL2F94-2S Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SPL2F94-2S
Description  Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL2F94-2S Datasheet(HTML) 7 Page - OSRAM GmbH

  SPL2F94-2S Datasheet HTML 1Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 2Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 3Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 4Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 5Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 6Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPL 2F94-2S
2007-04-13
7
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Published by
OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
www.osram-os.com
© All Rights Reserved.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
GTOY6062
2.75 (0.108)
2.45 (0.096)
10.8 (0.425)
10.4 (0.409)
123
2.74 (0.108)
2.34 (0.092)
2.74 (0.108)
2.34 (0.092)
1.0 (0.039)
0.6 (0.024)
1.2 (0.047)
1.0 (0.039)
15.3 (0.602)
14.5 (0.571)
2.5 (0.098)
2.2 (0.087)
4.6 (0.181)
4.4 (0.173)
9.5 (0.374)
9.7 (0.382)
ø0.7 (0.028)
ø0.5 (0.020)
2.6 (0.102)
3.0 (0.118)
5.2 (0.205)
5.0 (0.197)
3 NTC
2 NTC
case Anode
1 Cathode
5.5 (0.216)
4.9 (0.192)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com