Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 29 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 29 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 25Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Waveform measurements
Cursor types
Waveform, V Bars, H Bars, V&H Bars, and Polar (XY/XYZ plots only)
DC voltage measurement
accuracy, Average acquisition
mode
Measurement Type
DC Accuracy (In Volts)
Average of ≥ 16 waveforms
±((DC Gain Accuracy) * |reading - (offset - position)| + Offset
Accuracy + 0.1 * V/div setting)
Delta volts between any two averages of ≥ 16 waveforms
acquired with the same oscilloscope setup and ambient
conditions
±(DC Gain Accuracy * |reading| + 0.05 div)
Automatic measurements
36, of which an unlimited number can be displayed as either individual measurement badges or collectively in a measurement
results table
Amplitude measurements
Amplitude, Maximum, Minimum, Peak-to-Peak, Positive Overshoot, Negative Overshoot, Mean, RMS, AC RMS, Top, Base, and
Area
Timing measurements
Period, Frequency, Unit Interval, Data Rate, Positive Pulse Width, Negative Pulse Width, Skew, Delay, Rise Time, Fall Time,
Phase, Rising Slew Rate, Falling Slew Rate, Burst Width, Positive Duty Cycle, Negative Duty Cycle, Time Outside Level, Setup
Time, Hold Time, Duration N-Periods, High Time, and Low Time
Measurement statistics
Mean, Standard Deviation, Maximum, Minimum, and Population. Statistics are available on both the current acquisition and all
acquisitions
Reference levels
User-definable reference levels for automatic measurements can be specified in either percent or units. Reference levels can be
set to global for all measurements, per source channel or signal, or unique for each measurement
Gating
Screen, Cursors, Logic, Search, or Time. Specifies the region of an acquisition in which to take measurements. Gating can be set
to Global (affects all measurements set to Global) or Local (all measurements can have a unique Time gate setting; only one Local
gate is available for Screen, Cursors, Logic, and Search actions).
Measurement plots
Histogram, Time Trend, and Spectrum
Measurement limits
Pass/fail testing for user-definable limits on measurement values. Act on event for measurement value failures include Save
Screen Capture, Save Waveform, System Request (SRQ), and Stop Acquisitions
Power analysis (option 4-PWR-
BAS) and advanced power
analysis (option 4-PWR) adds the
following:
Measurements
Input Analysis (Frequency, VRMS, IRMS, voltage and current Crest Factors, True Power, Apparent Power, Reactive Power, Power
Factor, Phase Angle, Harmonics, Inrush Current, Input Capacitance )
Amplitude Analysis (Cycle Amplitude, Cycle Top, Cycle Base, Cycle Maximum, Cycle Minimum, Cycle Peak-to-Peak)
Timing Analysis (Period, Frequency, Negative Duty Cycle, Positive Duty Cycle, Negative Pulse Width, Positive Pulse Width)
Switching Analysis (Switching Loss, dv/dt, di/dt, Safe Operating Area, RDSon)
Output Analysis (Line Ripple, Switching Ripple, Efficiency, Turn-on Time, Turn-off Time)
Magnetic Analysis (Inductance, I vs. Intg(V), Magnetic Loss, Magnetic Property)- with option 4-PWR only
Frequency Response Analysis (Control Loop Response Bode Plot, Power Supply Rejection Ratio, Impedance) - with options 4-
PWR only
Measurement Plots
Harmonics Bar Graph, Switching Loss Trajectory Plot, and Safe Operating Area
Measurement limits
Pass/fail testing for user-definable limits on measurement values. Act on event for measurement value failures include Save
Screen Capture, Save Waveform, System Request (SRQ), and Stop Acquisitions
4 Series MSO
www.tek.com 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com