Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 30 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 30 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 34Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Waveform math
Number of math waveforms
Unlimited
Arithmetic
Add, subtract, multiply, and divide waveforms and scalars
Algebraic expressions
Define extensive algebraic expressions including waveforms, scalars, user-adjustable variables, and results of parametric
measurements. Perform math on math using complex equations. For example (Integral (CH1 - Mean(CH1)) X 1.414 X VAR1)
Math functions
Invert, Integrate, Differentiate, Square Root, Exponential, Log 10, Log e, Abs, Ceiling, Floor, Min, Max, Degrees, Radians, Sin,
Cos, Tan, ASin, ACos, and ATan
Relational
Boolean result of comparison >, <, ≥, ≤, =, and ≠
Logic
AND, OR, NAND, NOR, XOR, and EQV
Filtering function
User-definable filters. Users specify a file containing the coefficients of the filter
FFT functions
Spectral Magnitude and Phase, and Real and Imaginary Spectra
FFT vertical units
Magnitude: Linear and Log (dBm)
Phase: Degrees, Radians, and Group Delay
FFT window functions
Hanning, Rectangular, Hamming, Blackman-Harris, Flattop2, Gaussian, Kaiser-Bessel, and TekExp
Spectrum View
Center Frequency
Limited by instrument analog bandwidth
Span
18.6 Hz to 312.5 MHz
18.6 Hz to 500 MHz (with option 4-SV-BW-1)
Coarse adjustment in a 1-2-5 sequence
RF vs. Time Traces
Magnitude vs. time, Frequency vs. time, Phase vs. time (with option 4-SV-RFVT)
RF vs. Time Trigger
Edge, pulse width, and timeout trigger on RF Magnitude vs. Time and RF Frequency vs. Time (with option 4-SV-RFVT)
Resolution Bandwidth (RBW)
18.6 μHz to 15.625 MHz
18.6 μHz to 25 MHz (with option 4-SV-BW-1)
Window types and factors
Window type
Factor
Blackman-Harris
1.90
Flat-Top 2
3.77
Hamming
1.30
Hanning
1.44
Kaiser-Bessel
2.23
Rectangular
0.89
Spectrum Time
FFT Window Factor / RBW
Reference level
Reference level is automatically set by the analog channel Volts/div setting
Setting range: -42 dBm to +44 dBm
Datasheet
30 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com