Electronic Components Datasheet Search
  English  ▼

X  

X76F101PI Datasheet(PDF) 12 Page - IC MICROSYSTEMS

Part # X76F101PI
Description  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F101PI Datasheet(HTML) 12 Page - IC MICROSYSTEMS

Back Button X76F101PI Datasheet HTML 8Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 9Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 10Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 11Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 12Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 13Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 14Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 15Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 16Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
X76F101
12
NOTE:
1.ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2.
PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
0.020 (0.51)
0.016 (0.41)
0.150 (3.81)
0.125 (3.18)
0.110 (2.79)
0.090 (2.29)
0.430 (10.92)
0.360 (9.14)
0.300
(7.62) REF.
PIN 1 INDEX
0.145 (3.68)
0.128 (3.25)
0.025 (0.64)
0.015 (0.38)
PIN 1
SEATING
PLANE
0.065 (1.65)
0.045 (1.14)
0.260 (6.60)
0.240 (6.10)
0.060 (1.52)
0.020 (0.51)
TYP
. 0.010 (0.25)
0°
15°
8-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
HALF SHOULDER WIDTH ON
ALL END PINS OPTIONAL
.073 (1.84)
MAX.
0.325 (8.25)
0.300 (7.62)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com