Electronic Components Datasheet Search
  English  ▼

X  

X76F101PI Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # X76F101PI
Description  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F101PI Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  X76F101PI Datasheet HTML 1Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 2Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 3Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 4Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 5Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 6Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 7Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 8Page - IC MICROSYSTEMS X76F101PI Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
X76F101
4
Figure 2. Data Validity
Figure 3. Definition of Start and Stop Conditions
Table 1. X76F101 Instruction Set
Illegal command codes will be disregarded. The part will respond with a “no-ACK” to the illegal byte and then return to the
standby mode. All write/read operations require a password.
Command
after Start
Command Description
Password
used
1 0 0 S3 S2 S1 S00
Sector Write
Write
1 0 0 S3 S2 S1 S0 1
Sector Read
Read
1 1 1 1 1 1 0 0
Change Write Password
Write
1 1 1 1 1 1 1 0
Change Read Password
Write
0 1 0 1 0 1 0 1
Password ACK Command
None
SCL
SDA
Data Stable
Data
Change
SCL
SDA
Start Condition
Stop Condition
PROGRAM OPERATIONS
Sector Write
The sector write mode requires issuing the 8-bit write
command followed by the password and then the data
bytes transferred as illustrated in figure 4. The write
command byte contains the address of the sector to be
written. Data is written starting at the first address of a sector
and eight bytes must be transferred. After the last
byte to be transferred is acknowledged a stop condition is
issued which starts the nonvolatile write cycle. If more or less
than 8 bytes are transferred, the data in the sector
remains unchanged.
ACK Polling
Once a stop condition is issued to indicate the end of the
host’s write sequence, the X76F101 initiates the internal
nonvolatile write cycle. In order to take advantage of the
typical 5ms write cycle, ACK polling can begin
immediately. This involves issuing the start condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com