Electronic Components Datasheet Search
  English  ▼

X  

SN75154 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75154
Description  QUADRUPLE LINE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75154 Datasheet(HTML) 2 Page - Texas Instruments

  SN75154 Datasheet HTML 1Page - Texas Instruments SN75154 Datasheet HTML 2Page - Texas Instruments SN75154 Datasheet HTML 3Page - Texas Instruments SN75154 Datasheet HTML 4Page - Texas Instruments SN75154 Datasheet HTML 5Page - Texas Instruments SN75154 Datasheet HTML 6Page - Texas Instruments SN75154 Datasheet HTML 7Page - Texas Instruments SN75154 Datasheet HTML 8Page - Texas Instruments SN75154 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN75154
QUADRUPLE LINE RECEIVER
SLLS083B – NOVEMBER 1970 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
THRS ADJ
4T
4A
3T
3A
2T
2A
1T
1A
10
11
12
13
4Y
3Y
2Y
1Y
14
7
1
6
2
5
3
4
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
14
7
1
6
2
5
3
4
4T
4A
3T
3A
2T
2A
1T
1A
10
11
12
13
4Y
3Y
2Y
1Y
schematic
Component values shown are nominal.
VCC2‡
VCC1
R1
GND
Threshold
Input
Control
Common to Four Receivers
1 of 4 Receivers
5 k
Ω
3.2 k
Ω
5.5 k
Ω
5 k
Ω
1.6 k
Ω
1.6 k
Ω
200
Ω
4.2 k
Ω
2.7 k
Ω
1 k
Ω
240
Ω
Output
9.9 k
Ω
. . . Substrate
‡ When VCC1 is used, VCC2 may be left open or shorted to VCC1. When VCC2 is used, VCC1 must be left open
or connected to the threshold control pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com