Electronic Components Datasheet Search
  English  ▼

X  

SN75154 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75154
Description  QUADRUPLE LINE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75154 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75154 Datasheet HTML 4Page - Texas Instruments SN75154 Datasheet HTML 5Page - Texas Instruments SN75154 Datasheet HTML 6Page - Texas Instruments SN75154 Datasheet HTML 7Page - Texas Instruments SN75154 Datasheet HTML 8Page - Texas Instruments SN75154 Datasheet HTML 9Page - Texas Instruments SN75154 Datasheet HTML 10Page - Texas Instruments SN75154 Datasheet HTML 11Page - Texas Instruments SN75154 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SN75154
QUADRUPLE LINE RECEIVER
SLLS083B – NOVEMBER 1970 – REVISED MAY 1995
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC1
VCC2
R1
Y
A
T
Open
GND
Pulse
Generator
(see Note A)
Output
5 V
Input
Open
RL = 390 Ω
See Note C
CL = 50 pF
(see Note B)
TEST CIRCUIT
tPHL
10
± 2 ns
90%
3 V
10%
3 V
90%
10%
10
± 2 ns
tPLH
Input
Output
tTHL
2 V
1.5 V
0.8 V
0.8 V
1.5 V
2 V
tTLH
5 V
0 V
–5 V
VOH
VOL
VOLTAGE WAVEFORMS
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, tw ≤ 200 ns, duty cycle ≤ 20%.
B. CL includes probe and jig capacitance.
C.
All diodes are 1N3064.
Figure 6. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com