Electronic Components Datasheet Search
  English  ▼

X  

MAC97A6 Datasheet(PDF) 6 Page - SYC Electronica

Part # MAC97A6
Description  Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MAC97A6 Datasheet(HTML) 6 Page - SYC Electronica

  MAC97A6 Datasheet HTML 1Page - SYC Electronica MAC97A6 Datasheet HTML 2Page - SYC Electronica MAC97A6 Datasheet HTML 3Page - SYC Electronica MAC97A6 Datasheet HTML 4Page - SYC Electronica MAC97A6 Datasheet HTML 5Page - SYC Electronica MAC97A6 Datasheet HTML 6Page - SYC Electronica MAC97A6 Datasheet HTML 7Page - SYC Electronica MAC97A6 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAC97 Series
http://onsemi.com
6
Figure 11. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Voltage (dV/dt)c
LL
1N4007
200 V
+
MEASURE
I
−
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (dv/dt)c. See AN1048 for additional information.
RS
ADJUST FOR
dV/dt(c)
CS
ORDERING & SHIPPING INFORMATION
U.S.
Europe
Equivalent
Shipping
Description of TO92 Tape Orientation
MAC97A6RL1
Radial Tape & Reel (2K/Reel)
Flat side of TO92 & adhesive tape visible
MAC97A6RL1G
Radial Tape & Reel (2K/Reel)
(Pb−Free)
Flat side of TO92 & adhesive tape visible
MAC97A8RLRM
MAC97A8RL1
Radial Tape & Reel (2K/Reel)
Flat side of TO92 & adhesive tape visible
MAC97A8RLRMG
MAC97A8RL1G
Radial Tape & Reel (2K/Reel)
(Pb−Free)
Flat side of TO92 & adhesive tape visible
MAC97A4
Bulk in Box (5K/Box)
N/A, Bulk
MAC97A4G
Bulk in Box (5K/Box)
(Pb−Free)
N/A, Bulk
MAC97A6
Bulk in Box (5K/Box)
N/A, Bulk
MAC97A6G
Bulk in Box (5K/Box)
(Pb−Free)
N/A, Bulk
MAC97A8
Bulk in Box (5K/Box)
N/A, Bulk
MAC97A8G
Bulk in Box (5K/Box)
(Pb−Free)
N/A, Bulk
MAC97A6RLRF
Radial Tape & Reel (2K/Reel)
Round side of TO92 & adhesive tape on reverse side
MAC97A6RLRFG
Radial Tape & Reel (2K/Reel)
(Pb−Free)
Round side of TO92 & adhesive tape on reverse side
MAC97A6RLRP
Radial Tape & Reel (2K/Reel)
Round side of TO92 & adhesive tape on reverse side
MAC97A6RLRPG
Radial Tape & Reel (2K/Reel)
(Pb−Free)
Round side of TO92 & adhesive tape on reverse side
MAC97A8RLRP
Radial Tape / Fan Fold Box (2K/Box)
Round side of TO92 & adhesive tape visible
MAC97A8RLRPG
Radial Tape / Fan Fold Box (2K/Box)
(Pb−Free)
Round side of TO92 & adhesive tape visible
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com