Electronic Components Datasheet Search
  English  ▼

X  

MAC97A6 Datasheet(PDF) 1 Page - SYC Electronica

Part # MAC97A6
Description  Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MAC97A6 Datasheet(HTML) 1 Page - SYC Electronica

  MAC97A6 Datasheet HTML 1Page - SYC Electronica MAC97A6 Datasheet HTML 2Page - SYC Electronica MAC97A6 Datasheet HTML 3Page - SYC Electronica MAC97A6 Datasheet HTML 4Page - SYC Electronica MAC97A6 Datasheet HTML 5Page - SYC Electronica MAC97A6 Datasheet HTML 6Page - SYC Electronica MAC97A6 Datasheet HTML 7Page - SYC Electronica MAC97A6 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 9
1
Publication Order Number:
MAC97/D
MAC97 Series
Preferred Device
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
Designed for use in solid state relays, MPU interface, TTL logic and
any other light industrial or consumer application. Supplied in an
inexpensive TO−92 package which is readily adaptable for use in
automatic insertion equipment.
Features
• One−Piece, Injection−Molded Package
• Blocking Voltage to 600 Volts
• Sensitive Gate Triggering in Four Trigger Modes (Quadrants) for all
possible Combinations of Trigger Sources, and especially for Circuits
that Source Gate Drives
• All Diffused and Glassivated Junctions for Maximum Uniformity of
Parameters and Reliability
• Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage
(TJ = −40 to +110°C) (Note 1)
Sine Wave 50 to 60 Hz, Gate Open
MAC97A4
MAC97A6
MAC97A8
VDRM,
VRRM
200
400
600
V
On-State RMS Current
Full Cycle Sine Wave 50 to 60 Hz
(TC = +50°C)
IT(RMS)
0.6
A
Peak Non−Repetitive Surge Current
One Full Cycle, Sine Wave 60 Hz
(TC = 110°C)
ITSM
8.0
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.26
A2s
Peak Gate Voltage
(t
v 2.0 ms, TC = +80°C)
VGM
5.0
V
Peak Gate Power
(t
v 2.0 ms, TC = +80°C)
PGM
5.0
W
Average Gate Power
(TC = 80°C, t v 8.3 ms)
PG(AV)
0.1
W
Peak Gate Current
(t
v 2.0 ms, TC = +80°C)
IGM
1.0
A
Operating Junction Temperature Range
TJ
−40 to +110
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
0.8 AMPERE RMS
200 thru 600 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
MT1
G
MT2
TO−92 (TO−226AA)
CASE 029
STYLE 12
3
2
1
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 2
Main Terminal 1
http://onsemi.com
MAC
97Ax
AYWW
G
G
MAC97Ax = Device Code
x = 4, 6, or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAMS


Similar Part No. - MAC97A6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC97A6 PHILIPS-MAC97A6 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
ON Semiconductor
MAC97A6 ONSEMI-MAC97A6 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
LOGIC LEVEL TRIAC
logo
Inchange Semiconductor ...
MAC97A6 ISC-MAC97A6 Datasheet
55Kb / 1P
Triacs
logo
Tiger Electronic Co.,Lt...
MAC97A6 TGS-MAC97A6 Datasheet
98Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - MAC97A6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com