Electronic Components Datasheet Search
  English  ▼

X  

TAS2574 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS2574
Description  TAS2574 8.5W Digital Input Smart Amp with I/V Sense and Integrated 15V Class-H Boost
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2574 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS2574 Datasheet HTML 2Page - Texas Instruments TAS2574 Datasheet HTML 3Page - Texas Instruments TAS2574 Datasheet HTML 4Page - Texas Instruments TAS2574 Datasheet HTML 5Page - Texas Instruments TAS2574 Datasheet HTML 6Page - Texas Instruments TAS2574 Datasheet HTML 7Page - Texas Instruments TAS2574 Datasheet HTML 8Page - Texas Instruments TAS2574 Datasheet HTML 9Page - Texas Instruments TAS2574 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Sep-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TAS2574YCGR
DSBGA
YCG
36
3000
180.0
8.4
2.4
2.4
0.62
4.0
8.0
Q1
TAS2574YCGR
DSBGA
YCG
36
3000
180.0
8.4
2.4
2.4
0.62
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com