Electronic Components Datasheet Search
  English  ▼

X  

TAS2574 Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS2574
Description  TAS2574 8.5W Digital Input Smart Amp with I/V Sense and Integrated 15V Class-H Boost
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2574 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS2574 Datasheet HTML 2Page - Texas Instruments TAS2574 Datasheet HTML 3Page - Texas Instruments TAS2574 Datasheet HTML 4Page - Texas Instruments TAS2574 Datasheet HTML 5Page - Texas Instruments TAS2574 Datasheet HTML 6Page - Texas Instruments TAS2574 Datasheet HTML 7Page - Texas Instruments TAS2574 Datasheet HTML 8Page - Texas Instruments TAS2574 Datasheet HTML 9Page - Texas Instruments TAS2574 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Sep-2024
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TAS2574YCGR
DSBGA
YCG
36
3000
182.0
182.0
20.0
TAS2574YCGR
DSBGA
YCG
36
3000
182.0
182.0
20.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com