Electronic Components Datasheet Search
  English  ▼

X  

THS1206M Datasheet(PDF) 36 Page - Texas Instruments

Part # THS1206M
Description  12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS1206M Datasheet(HTML) 36 Page - Texas Instruments

Back Button THS1206M Datasheet HTML 32Page - Texas Instruments THS1206M Datasheet HTML 33Page - Texas Instruments THS1206M Datasheet HTML 34Page - Texas Instruments THS1206M Datasheet HTML 35Page - Texas Instruments THS1206M Datasheet HTML 36Page - Texas Instruments THS1206M Datasheet HTML 37Page - Texas Instruments THS1206M Datasheet HTML 38Page - Texas Instruments THS1206M Datasheet HTML 39Page - Texas Instruments THS1206M Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
THS1206EP
12BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOGTODIGITAL CONVERTERS
SGLS126A − JULY 2002 − REVISED FEBRUARY 2003
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 42
−140
−120
−100
−80
−60
−40
−20
0
20
0
500000
1000000
1500000
2000000
2500000
3000000
3500000
f − Frequency − Hz
FAST FOURIER TRANSFORM (4096 POINTS)
(SINGLE-ENDED)
vs
FREQUENCY
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MHz, AIN = −0.5 dB FS
−140
−120
−100
−80
−60
−40
−20
0
20
0
500000
1000000
1500000
2000000
2500000
3000000
3500000
Figure 43
f − Frequency − Hz
FAST FOURIER TRANSFORM (4096 POINTS)
(DIFFERENTIAL)
vs
FREQUENCY
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 6 MHz, AIN = −0.5 dB FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com