Electronic Components Datasheet Search
  English  ▼

X  

THS1206M Datasheet(PDF) 13 Page - Texas Instruments

Part # THS1206M
Description  12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS1206M Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS1206M Datasheet HTML 9Page - Texas Instruments THS1206M Datasheet HTML 10Page - Texas Instruments THS1206M Datasheet HTML 11Page - Texas Instruments THS1206M Datasheet HTML 12Page - Texas Instruments THS1206M Datasheet HTML 13Page - Texas Instruments THS1206M Datasheet HTML 14Page - Texas Instruments THS1206M Datasheet HTML 15Page - Texas Instruments THS1206M Datasheet HTML 16Page - Texas Instruments THS1206M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
THS1206EP
12BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOGTODIGITAL CONVERTERS
SGLS126A − JULY 2002 − REVISED FEBRUARY 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FIFO description
In order to facilitate an efficient connection to today’s processors, the THS1206 is supplied with a FIFO. This
integrated FIFO enables a problem-free processing of data with today’s processors. The FIFO is provided as
a flexible circular buffer. The circular buffer integrated in the THS1206 can store up to 16 conversion values.
Therefore, the amount of interrupts to be served by a processor can be reduced significantly.
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
Read Pointer
Trigger Pointer
Write Pointer
Data in FIFO
Free
Figure 6. Circular Buffer
The converted data of the THS1206 is automatically written into the FIFO. To control the writing and reading
process, a write pointer, a read pointer and a trigger pointer are used. The read pointer always shows the
location which will be read next. The write pointer indicates the location which contains the last written sample.
With a selection of multiple analog input channels, the converted values are written in a predefined sequence
to the circular buffer (autoscan mode). In this way, the channel information for the reading processor is
continually maintained.
The FIFO can be programmed through the control register of the ADC. The user has the ability to select a
specific trigger level according to Table 13 in order to choose the configuration which best fits the application.
The FIFO provides the signal DATA_AV, which signals the processor to read the amount of data equal to the
trigger level selected in Table 13. The signal DATA_AV becomes active when the trigger condition is satisfied.
The trigger condition is satisfied when as many values as selected for the trigger level where written into the
FIFO.
The signal DATA_AV could be connected to an interrupt input of a processor. In every interrupt service routine
call, the processor must read the amount of data equal to the trigger level from the ADC. The first data represents
the first channel according to the autoscan mode, which is shown in Table 10. The channel information is
therefore always maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com