Electronic Components Datasheet Search
  English  ▼

X  

DDTD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTD
Description  NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTD Datasheet HTML 1Page - Diodes Incorporated DDTD Datasheet HTML 2Page - Diodes Incorporated DDTD Datasheet HTML 3Page - Diodes Incorporated DDTD Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DDTD (xxxx) C
Document number: DS30384 Rev. 10 - 2
2 of 4
www.diodes.com
January 2009
© Diodes Incorporated
DDTD (xxxx) C
Electrical Characteristics - R1, R2 Types @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTD113EC
DDTD123EC
DDTD143EC
DDTD114EC
DDTD122JC
DDTD113ZC
DDTD123YC
DDTD133HC
Vl(OFF)
0.5
0.5
0.5
0.5
0.5
0.3
0.3
0.3
⎯
⎯
V
VCC = 5V, IO = 100μA
DDTD113EC
DDTD123EC
DDTD143EC
DDTD114EC
DDTD122JC
DDTD113ZC
DDTD123YC
DDTD133HC
Vl(ON)
⎯
⎯
3.0
3.0
3.0
3.0
3.0
2.0
2.0
2.0
V
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 10mA
VO = 0.3V, IO = 30mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
Output Voltage
VO(ON)
⎯
⎯
0.3V
V
IO/Il = -50mA/-2.5mA
Input Current
DDTD113EC
DDTD123EC
DDTD143EC
DDTD114EC
DDTD122JC
DDTD113ZC
DDTD123YC
DDTD133HC
Il
⎯
⎯
7.2
3.8
1.8
0.88
28
7.2
3.6
2.4
mA
VI = 5V
Output Current
IO(OFF)
⎯
⎯
0.5
μA VCC = 50V, VI = 0V
DC Current Gain
DDTD113EC
DDTD123EC
DDTD143EC
DDTD114EC
DDTD122JC
DDTD113ZC
DDTD123YC
DDTD133HC
Gl
33
39
47
56
47
56
56
56
⎯
⎯
⎯
VO = 5V, IO = 50mA
Input Resistor Tolerance
ΔR1
-30
⎯
+30
%
⎯
Resistance Ratio Tolerance
Δ(R2/R1)
-20
⎯
+20
%
⎯
Gain-Bandwidth Product*
fT
⎯
200
⎯
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics - R1 Only, R2 Only Types @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
⎯
⎯
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
40
⎯
⎯
V
IC = 1mA
Emitter-Base Breakdown Voltage
DDTD123TC
DDTD143TC
DDTD114TC
DDTD114GC
BVEBO
5
⎯
⎯
V
IE = 50μA
IE = 50μA
IE = 50μA
IE = 720μA
Collector Cutoff Current
ICBO
⎯
⎯
0.5
μA
VCB = 50V
Emitter Cutoff Current
DDTD123TC
DDTD143TC
DDTD114TC
DDTD114GC
IEBO
⎯
⎯
⎯
300
⎯
0.5
0.5
0.5
580
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
0.3
V
IC = 50mA, IB = 2.5mA
DC Current Transfer Ratio
DDTD123TC
DDTD143TC
DDTD114TC
DDTD114GC
hFE
100
100
100
56
250
250
250
⎯
600
600
600
⎯
⎯
IC = 50mA, VCE = 5V
Bias Resistor Tolerance
ΔR1 or ΔR2
-30
⎯
+30
%
⎯
Gain-Bandwidth Product*
fT
⎯
200
⎯
MHz
VCE = 10V, IE = -5mA,
f = 100MHz
* Transistor - For Reference Only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com