Electronic Components Datasheet Search
  English  ▼

X  

DDTD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTD
Description  NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTD Datasheet HTML 1Page - Diodes Incorporated DDTD Datasheet HTML 2Page - Diodes Incorporated DDTD Datasheet HTML 3Page - Diodes Incorporated DDTD Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DDTD (xxxx) C
Document number: DS30384 Rev. 10 - 2
3 of 4
www.diodes.com
January 2009
© Diodes Incorporated
DDTD (xxxx) C
Ordering Information (Note 4)
Part Number
Case
Packaging
DDTD113EC-7-F
SOT-23
3000/Tape & Reel
DDTD123EC-7-F
SOT-23
3000/Tape & Reel
DDTD143EC-7-F
SOT-23
3000/Tape & Reel
DDTD114EC-7-F
SOT-23
3000/Tape & Reel
DDTD122JC-7-F
SOT-23
3000/Tape & Reel
DDTD113ZC-7-F
SOT-23
3000/Tape & Reel
DDTD123YC-7-F
SOT-23
3000/Tape & Reel
DDTD133HC-7-F
SOT-23
3000/Tape & Reel
DDTD123TC-7-F
SOT-23
3000/Tape & Reel
DDTD143TC-7-F
SOT-23
3000/Tape & Reel
DDTD114TC-7-F
SOT-23
3000/Tape & Reel
DDTD114GC-7-F
SOT-23
3000/Tape & Reel
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
Suggested Pad Layout
SOT-23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
0°
8°
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
Nxx = Product Type Marking Code (See Page 1)
YM = Date Code Marking
Y = Year (ex: T = 2002)
M = Month (ex: 9 = September)
A
M
J
L
D
F
B C
H
K
G
K1
X
E
Y
C
Z
Nxx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com