Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS7002
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7002 Datasheet(HTML) 4 Page - Texas Instruments

  THS7002 Datasheet HTML 1Page - Texas Instruments THS7002 Datasheet HTML 2Page - Texas Instruments THS7002 Datasheet HTML 3Page - Texas Instruments THS7002 Datasheet HTML 4Page - Texas Instruments THS7002 Datasheet HTML 5Page - Texas Instruments THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
VCC
Supply voltage, VCC+ to VCC-
33 V
VI
Input voltage (driver and receiver)
±VCC
IO
Output current (driver) (2)
800 mA
VID
Differential input voltage
6 V
Continuous total power dissipation at (or below) TA = 25°C
(2)
5.8 W
TA
Operating free air temperature
-40°C to 85°C
Tstg
Storage temperature
-65°C to 125°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The THS6012 incorporates a PowerPad on the underside of the chip. This acts as a heatsink and must be connected to a thermal
dissipation plane for proper power dissipation. Failure to do so can result in exceeding the maximum junction temperature, which could
permanently damage the device. See the Thermal Information section of this document for more information about PowerPad
technology.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Split supply
±4.5
±16
VCC
Supply voltage
V
Single supply
9
32
C suffix
0
70
TA
Operating free-air temperature
°C
I suffix
–40
85
ELECTRICAL CHARACTERISTICS
VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
VI = 200 mV,
RF = 680 Ω,
VCC = ±15 V
140
G = 1,
RL = 25 Ω
VI = 200 mV,
RF = 1 kΩ,
VCC = ±5 V
100
G = 1,
RL = 25 Ω
VI = 200 mV,
RF = 620 Ω,
VCC = ±15 V
120
G = 2,
RL = 25 Ω
Small-signal bandwidth (-3 dB)
MHz
VI = 200 mV,
RL = 25 Ω,
VCC = ±5 V
100
G = 2,
RF = 820 Ω,
BW
VI = 200 mV,
RF = 820 Ω,
VCC = ±15 V
315
G = 1,
RL = 100 Ω
VI = 200 mV,
RF = 560 Ω,
VCC = ±15 V
265
G = 2,
RL = 100 Ω
VCC = ±5 V,
30
RF = 820 Ω
Bandwidth for 0.1 dB flatness
VI = 200 mV,
G = 1
MHz
VCC = ±15 V,
40
RF = 680 Ω
VCC = ±15 V,
VO(PP) = 20 V
20
Full power bandwidth
MHz
VCC = ±5 V,
VO(PP) = 4 V
35
VCC = ±15 V,
VO = 20 V(PP),
G = 5
1300
SR
Slew rate
V/
μs
VCC = ±5 V,
VO = 5 V(PP),
G = 2
900
ts
Settling time to 0.1%
0 V to 10 V Step,
G = 2
70
ns
NOISE/DISTORTION PERFORMANCE
(1)
Full range is 0°C to 70°C for the THS6012C and -40°C to 85°C for the THS6012I.
4
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com