Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS7002
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 4Page - Texas Instruments THS7002 Datasheet HTML 5Page - Texas Instruments THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments THS7002 Datasheet HTML 10Page - Texas Instruments THS7002 Datasheet HTML 11Page - Texas Instruments THS7002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TA − Free-Air Temperature − °C
−40
−20
0
20
80
60
40
75
65
60
80
70
VCC = ±5 V
VCC = ±15 V
1 k
Ω
1 k
Ω
VI
+
−
VO
1 k
Ω
1 k
Ω
f − Frequency − Hz
−80
−90
10M
100k
−70
−60
500M
−50
−20
1M
100M
VCC = ± 15 V
RF = 1 Ω
RL = 25 Ω
Gain = 2
VI = 200 mV
See Figure 2
Driver 1 = Input
Driver 2 = Output
Driver 1 = Output
Driver 2 = Input
−40
−30
TA − Free-Air Temperature − °C
−40
−20
0
20
80
100
60
40
VCC = ±5 V
VCC = ±15 V
1
−1
−3
−5
0
−2
−4
2
G = 1
RF = 1 kΩ
TA − Free-Air Temperature − °C
−40
−20
0
20
80
100
60
40
5
3
1
0
4
2
VCC = ±15 V
IIB+
VCC = ±5 V
IIB+
VCC = ±15 V
IIB−
VCC = ±5 V
IIB−
G = 1
RF = 1 kΩ
See Figure 2
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
INPUT OFFSET VOLTAGE
INPUT BIAS CURRENT
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
COMMON-MODE REJECTION RATIO
INPUT-TO-OUTPUT CROSSTALK
vs
vs
FREE-AIR TEMPERATURE
FREQUENCY
Figure 7.
Figure 8.
8
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com