Electronic Components Datasheet Search
  English  ▼

X  

X24645PI Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X24645PI
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645PI Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X24645PI Datasheet HTML 5Page - IC MICROSYSTEMS X24645PI Datasheet HTML 6Page - IC MICROSYSTEMS X24645PI Datasheet HTML 7Page - IC MICROSYSTEMS X24645PI Datasheet HTML 8Page - IC MICROSYSTEMS X24645PI Datasheet HTML 9Page - IC MICROSYSTEMS X24645PI Datasheet HTML 10Page - IC MICROSYSTEMS X24645PI Datasheet HTML 11Page - IC MICROSYSTEMS X24645PI Datasheet HTML 12Page - IC MICROSYSTEMS X24645PI Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
X24645
9
WRITE PROTECT REGISTER
The Write Protect Register (WPR) is located at the
highest address, 1FFFh.
Figure 11. Write Protect Register
WPR.1 = WEL
–- “Write Enable” Latch (Volatile)
0 = Write enable latch reset, writes disabled 1 =
Write enable latch set, writes enabled
If WEL = “0”then “no ACK” after first byte of input data.
WPR.2 = RWEL
–- “Register Write Enable” Latch (Volatile)
0 = Register write enable latch reset, writes dis-
abled
1 = Register write enable latch set, writes enabled
WPR.3, WPR.4 = BP0, BP1
–-
Block Protect Bits (Nonvolatile)
(See Block Protect section for definition)
WPR.7 = WPEN
- Write Protect Enable Bit (Nonvolatile)
(See Hardware Write Protect section for definition)
Writing to the Write Protect Register
The Write Protect Register is written by performing a
random write of one byte directly to address, 1FFFh. If
a page write is performed starting with any address other
than 1FFF, the byte in the array at address
1FFFh will be written instead of the Write Protect
Register (assuming writes are not disabled by the
block protect register).
The state of the Write Protect Register can be read by
performing a random read at address 1FFFh at any
time. If a sequential read starting at any other address than
1FFFh is performed, the contents of the byte in
the array at 1FFFh is read out instead of the Write
Protect Register.
7
6
5
4
3
2
1
0
WPEN
0
0
BP1
BP0
RWEL
WEL
0
2783 ILL F15.1
WPR (ADDR = 1FFFh)
WEL and RWEL are volatile latches that power-up in the
LOW (disabled) state. A write to any address other
than 1FFFh, where the Write Protect Register is
located, will be ignored (no ack) until the WEL bit is set
HIGH. The WEL bit is set by writing 0000001x to
address 1FFFh. Once set, WEL remains HIGH until
either reset (by writing 00000000 to 1FFFh) or until the part
powers-up again. The RWEL bit controls writes to
the block protect bits. RWEL is set by first setting WEL to
“1”
and then writing 0000011x to address 1FFFh.
RWEL must be set in order to change the block protect bits,
BP0 and BP1, or the WPEN bit. RWEL is reset
when the block protect or WPEN bits are changed, or
when the part powers-up again.
Programming the BP or WPEN Bits
A three step sequence is required to change the
nonvolatile Block Protect or Write Protect Enable:
1) Set WEL = 1 (write 00000010 to address 1FFFh,
volatile write cycle)
(Start)
2) Set RWEL = 1 (write 00000110 to address 1FFFh,
volatile write cycle)
(Start)
3) Set BP1, BP0, and/or WPEN bits (Write w00yz010 to
address 1FFFh)
w = WPEN, y = BP1, Z = BP0,
(Stop)
Step 3 is a nonvolatile write cycle, requiring 10ms to
complete. RWEL is reset to “0”
by this write cycle,
requiring another write cycle to set RWEL again before
the block protect bits can be changed. RWEL must be
“0
”
in step 3; if w00yz110 is written to address 1FFFh,
RWEL is set but WPEN, BP1 and BP0 are not
changed (the device remains at step 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com