Electronic Components Datasheet Search
  English  ▼

X  

X24645PI Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # X24645PI
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645PI Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  X24645PI Datasheet HTML 1Page - IC MICROSYSTEMS X24645PI Datasheet HTML 2Page - IC MICROSYSTEMS X24645PI Datasheet HTML 3Page - IC MICROSYSTEMS X24645PI Datasheet HTML 4Page - IC MICROSYSTEMS X24645PI Datasheet HTML 5Page - IC MICROSYSTEMS X24645PI Datasheet HTML 6Page - IC MICROSYSTEMS X24645PI Datasheet HTML 7Page - IC MICROSYSTEMS X24645PI Datasheet HTML 8Page - IC MICROSYSTEMS X24645PI Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
X24645
3
Figure 1. Data Validity
Figure 2. Definition of Start and Stop
DEVICE OPERATION
The X24645 supports a bidirectional bus oriented pro-
tocol. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device as
the receiver. The device controlling the transfer is a
master and the device being controlled is the slave.
The master will always initiate data transfers, and provide
the clock for both transmit and receive operations.
Therefore, the X24645 will be considered a slave in all
applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer to
Figures 1 and 2.
Start Condition
All command are preceded by the start condition, which
is a HIGH to LOW transition of SDA when SCL is
HIGH. The X24645 continuously monitors the SDA and SCL
lines for the start condition and will not respond to
any command until this condition has been met.
SCL
SDA
DATA STABLE
DATA
CHANGE
2783 ILL F04
SCL
SDA
START BIT
STOP BIT
2783 ILL F05
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage (5V)
(6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the
device requires to perform the internal write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com