Electronic Components Datasheet Search
  English  ▼

X  

LWP473 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LWP473
Description  Lead (Pb) Free Product RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWP473 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LWP473 Datasheet HTML 8Page - OSRAM GmbH LWP473 Datasheet HTML 9Page - OSRAM GmbH LWP473 Datasheet HTML 10Page - OSRAM GmbH LWP473 Datasheet HTML 11Page - OSRAM GmbH LWP473 Datasheet HTML 12Page - OSRAM GmbH LWP473 Datasheet HTML 13Page - OSRAM GmbH LWP473 Datasheet HTML 14Page - OSRAM GmbH LWP473 Datasheet HTML 15Page - OSRAM GmbH LWP473 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2006-05-03
12
LW P473
Gurtung / Polarität und Lage
8) Seite 17
Verpackungseinheit 3000/Rolle, ø180 mm
Montage von oben
oder 12000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 17
Packing unit 3000/reel, ø180 mm
top mount
or 12000/reel, ø330 mm
Gurtung / Polarität und Lage
8) Seite 17
Verpackungseinheit 3000/Rolle, ø180 mm
Montage von unten
oder 12000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
8)
page 17
Packing unit 3000/reel, ø180 mm
reverse mount
or 12000/reel, ø330 mm
OHAY2429
1.5 (0.059) +0.1 (0.004) 4 (0.157)
±0.05 (0.002)
2 (0.079)
0.8 (0.031) ±0.05 (0.002)
±0.05 (0.002)
2.25 (0.089)
Cathode/Collector Side
0.3 (0.012) max.
±0.05 (0.002)
0.95 (0.037)
OHAY1306
1.5 (0.059) +0.1 (0.004) 4 (0.157)
±0.05 (0.002)
2 (0.079)
0.8 (0.031) ±0.05 (0.002)
±0.05 (0.002)
1.5 (0.059)
Cathode/Collector Side
0.3 (0.012) max.
±0.05 (0.002)
0.45 (0.018)
±0.05 (0.002)
1.15 (0.045)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com