Electronic Components Datasheet Search
  English  ▼

X  

X25330AF Datasheet(PDF) 14 Page - IC MICROSYSTEMS

Part # X25330AF
Description  5MHz SPI Serial E2 PROM with Block Lock Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25330AF Datasheet(HTML) 14 Page - IC MICROSYSTEMS

Back Button X25330AF Datasheet HTML 6Page - IC MICROSYSTEMS X25330AF Datasheet HTML 7Page - IC MICROSYSTEMS X25330AF Datasheet HTML 8Page - IC MICROSYSTEMS X25330AF Datasheet HTML 9Page - IC MICROSYSTEMS X25330AF Datasheet HTML 10Page - IC MICROSYSTEMS X25330AF Datasheet HTML 11Page - IC MICROSYSTEMS X25330AF Datasheet HTML 12Page - IC MICROSYSTEMS X25330AF Datasheet HTML 13Page - IC MICROSYSTEMS X25330AF Datasheet HTML 14Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
X25330
14
ORDERING INFORMATION
PART MARK CONVENTION
X25330
P
T
G -V
Device
Vcc Limits
Blank = 5V ±10%
2.5 = 2.5 to 5.5V
Temperature Range
Blank = Commercial = 0°C to +70°C
I = Industrial = –40°C to +85°C
Package
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no
warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from
patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production
and change specifications and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses
are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475;
4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign
patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with
appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected
to result in a significant injury to the user.
2.A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of
the life support device or system, or to affect its safety or effectiveness.
X25330
X G
X
Blank = 8-Lead SOIC
V = 14-Lead TSSOP
G = RoHS compliant lead free
Blank = 5V ±10%, 0°C to +70°C
I = 5V ±10%, –40°C to +85°C
AE = 2.5V to 5.5V, 0°C to 70°C
AF = 2.5V to 5.5V, –40°C to +85°C
S8 = 8-Lead SOIC
V14 = 14-Lead TSSOP
G = RoHS Compliant Lead-Free package
Blank = Standard package. Non lead-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com