Electronic Components Datasheet Search
  English  ▼

X  

WFF1 Datasheet(PDF) 2 Page - TT Electronics.

Part # WFF1
Description  Fast Fusible Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WFF1 Datasheet(HTML) 2 Page - TT Electronics.

  WFF1 Datasheet HTML 1Page - TT Electronics. WFF1 Datasheet HTML 2Page - TT Electronics. WFF1 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fast Fusible Metal
Film Resistors
WFF Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 03.06
Welwyn Components
162
Test Method (for graph 3 and 4)
The resistor is subject to 10,000 pulses as shown in figure
(1). Maximum resistance change due to test will not
exceed 1%. Maximum pulse voltages are detailed in graph
3 above.
For any combination of power and pulse length (ti). tp is
determined by the need to ensure that the average power
does not exceed the rated power.
tp =
Applied Pulse Power
Rated Power
x ti
100000
10000
1000
100
10
10
100
1000
10000
1.2/50
μS Pulse Withstand
Value (OHMS)
WFF 1/4
WFF 1/2
WFF 1
Graph 1
100000
10000
1000
100
10
10
100
1000
10000
10/700
μS Pulse Withstand
Value (OHMS)
WFF 1/4
WFF 1/2
WFF 1
Graph 2
1.0000
0.1000
0.0100
0.0010
0.0001
100
1000
10000
Maximum peak pulse voltage
as a function of pulse duration (ti)
WFF 1/4
WFF 1/2
WFF 1
ti (s)
Graph 3
0
1
10
100
Maximum peak pulse power
as a function of pulse duration (ti)
WFF 1/4
WFF 1/2
WFF 1
ti (s)
1.0000
0.1000
0.0100
0.0010
0.0001
Graph 4
Above tests carried out in accordance with IEC 115.1. Change of value after test ±1%
Time (secs)
tp
ti
Figure 1
Pulse Handling Graphs
Maximum
Load: 1000 hrs at 70˚ C
3
%
R
Shelf life: 12 months at room temperature
2
%
R
Derating from rated power at 70˚
5
5
1
t
a
o
r
e
z
C
˚C
Temperature rapid change
5
.
0
%
R
Resistance to solder heat
5
.
0
%
R
Performance Data
Issue E · 01.07
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com