Electronic Components Datasheet Search
  English  ▼

X  

WFF1 Datasheet(PDF) 3 Page - TT Electronics.

Part # WFF1
Description  Fast Fusible Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WFF1 Datasheet(HTML) 3 Page - TT Electronics.

  WFF1 Datasheet HTML 1Page - TT Electronics. WFF1 Datasheet HTML 2Page - TT Electronics. WFF1 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
52
Body Location
f
1.4 m
Figure 2
Packaging
All resistors are supplied tape packed ready for loading
onto automatic sequencing and insertion machines.
The standard taping method and critical dimensions are
shown in figure 2.
Lead Formed resistors can also be supplied. Standard
options of Lancet, Radial and Goalpost forming are shown
in Lead Form Information section.
Fusing (Constant voltage)
After fusing the final resistance value will be
50 times the
initial value.
Fast Fusible Metal
Film Resistors
WFF Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 03.06
Welwyn Components
163
Type
WFF1/4
WFF1/2
WFF1
Large ammo pack
5000
2500
1500
Standard Quantities Per Package
*Contact Welwyn for R10 - 1R0 fusing data
Issue E · 01.07
Ordering Procedure
Example: WFF1 at 1.5 ohms and 5% tolerance packed
in a box of 1500 pieces -
W F F 1 – 1 R 5 J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
J
5%
Packing
I
Ammo
WFF1/4
5000/box
Standard
WFF1/2
2500/box
WFF1
1500/box
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com