Electronic Components Datasheet Search
  English  ▼

X  

INA110 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # INA110
Description  DIN-Rail Cybersecurity Gateway with Intel Atom® x5-E3930/E3940 Processor and 4 LAN with LAN Bypass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

INA110 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  INA110 Datasheet HTML 1Page - Axiomtek Co., Ltd. INA110 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
Updated Jun. 21, 2024.
iNA110
Features
DIN-Rail Cybersecurity Gateway with Intel Atom® x5-E3930/E3940 Processor and 4 LAN with LAN Bypass
4 x LED indicator
1 x COM
Power input (9 to 36 VDC)
4 x Antenna hole
1 x HDMI
4 x GbE LAN
(with 1 pair of LAN Bypass)
2 x USB 3.0 &
1 x Console port (RJ-45)
Specifications
System
CPU
Intel Atom® x5-E3930/E3940 processor (Apollo Lake)
Chipset
SoC integrated
Memory
1 x DDR3L-1600 SO-DIMM, up to 8GB non-ECC memory
BIOS
AMI SPI Flash BIOS
Storage
1 x 2.5" SATA 3.0 SSD
1 x Half-size mSATA (occupied 1 x PCI Express Mini Card slot)
Network Interface
4 x GbE RJ-45 (Intel® I210-IT) with 1 pair of LAN Bypass
I/O
1 x HDMI
2 x USB 3.0
1 x Console port (RJ-45)
4 x Copper LAN port
1 x COM port (RS-232/422/485) with terminal block
1 x Power input connector
1 x Tact switch for H/W reset
4 x Antenna hole
Expansion Interface
1 x Half-size PCIe Mini Card slot with SATA/USB signal
1 x Full-size PCIe Mini Card slot with USB signal (with 1 x SIM slot)
TPM
TPM 2.0
Watchdog Timer
255 stepping for system reset
Power Supply
1 x Terminal block, 9 to 36 VDC (typical 12/24V)
OS Compatibility
Linux, Windows® 10
● Cost-effective fanless design
● Intel Atom® x5-E3930/E3940 processor (Apollo Lake)
● 4 GbE RJ-45 (Intel® I210-IT) with LAN Bypass
● Wide operating temperature range from -40°C to +70°C
● 9 to 36 VDC, typical 12-24V power input with OVP, UVP,
OCP, RPP
● Supports TPM 2.0
● Ideal for ICS cybersecurity and critical infrastructure
protection
NEW
Top Side
DIN-rail


Similar Part No. - INA110

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA110 TI2-INA110 Datasheet
1Mb / 22P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
JULY 2005
logo
Burr-Brown (TI)
INA110AG BURR-BROWN-INA110AG Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA110AG TI1-INA110AG Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA110

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ICO100-839-E3930-DC AXIOMTEK-ICO100-839-E3930-DC Datasheet
319Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Atom??x5-E3930 Processor, 2 COM, 1 LAN, 2 USB and 1 DIO
logo
Advantech Co., Ltd.
ARK-1220L-A2 ADVANTECH-ARK-1220L-A2 Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
ARK-1220L ADVANTECH-ARK-1220L Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
ECU-4574 ADVANTECH-ECU-4574 Datasheet
260Kb / 1P
Intel® ATOM E3930 Power and Energy Computers with 8 x LAN, 10 x COM
26-Oct-2021
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
FWA-1211 ADVANTECH-FWA-1211 Datasheet
825Kb / 2P
Industrial Grade Cyber Security Appliance based on Intel® Atom™ x5-E3940/ x5-E3930 Processor
17-Jun-2021
FWA-2011 ADVANTECH-FWA-2011 Datasheet
479Kb / 2P
1U Rackmount Network Appliance with Intel® Atom™ X5-E3940 Processor and 6 GbE ports
15-Feb-2019
logo
AAEON Technology
SRG-APL AAEON-SRG-APL Datasheet
627Kb / 2P
Standard IoT Gateway System with Intel Atom X5-E3940 Processor SoC
2022/08/29
UPC-PLUSX5D-A20-0232 AAEON-UPC-PLUSX5D-A20-0232 Datasheet
486Kb / 2P
UP Core Plus Developer Board with Intel® Atom™ x5-E3930/x5-E3940/x7-E3950 Processor SoC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com