Electronic Components Datasheet Search
  English  ▼

X  

INA110 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # INA110
Description  DIN-Rail Cybersecurity Gateway with Intel Atom® x5-E3930/E3940 Processor and 4 LAN with LAN Bypass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

INA110 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  INA110 Datasheet HTML 1Page - Axiomtek Co., Ltd. INA110 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
DIN-Rail Cybersecurity Gateways
6
Dimensions
Ordering Information
Standard
iNA110-E3940-A
(P/N: E27B110100)
DIN-rail cybersecurity gateway with Intel Atom® x5-E3940 processor and 4 GbE LAN
iNA110-E3930-A
(P/N: E27B110101)
DIN-rail cybersecurity gateway with Intel Atom® x5-E3930 processor and 4 GbE LAN
Optional
2.5" SATA SSD or HDD
DDR3L SO-DIMM
mSATA
Wall mount kits
Wi-Fi Module
3G/LTE Module
12V, 36W adapter
Power Cord
* Specifications and certifications may vary contingent on options.
Specifications
Mechanical/ Environmental
Form Factor
DIN-rail, wall mount (optional)
LED
Power, HDD, LAN Bypass, GPIO programmable
Operating Temperature -40°C to +70°C (-40°F to +158°F)
Humidity
10% - 95% RH, non-condensing
Construction
Extruded aluminum and heavy-duty steel, IP40
Vibration Endurance
3 Gms with storage (5 to 500Hz, X/Y/Z direction; random, operating)
Dimensions
51 mm (2.01") (W) x 110 mm (4.33") (D) x 155 mm (6.10") (H)
Weight (net/gross)
0.97 kg/1.18 kg
Certifications
CE (Class A), FCC (Class A)
51.0
110.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com