Electronic Components Datasheet Search
  English  ▼

X  

7903 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 7903
Description  3U Compact PCI 2-Port RS-232, RS-422, RS-485 Isolated Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7903 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  7903 Datasheet HTML 1Page - Sealevel Systems, Inc. 7903 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3U Compact PCI 2-Port RS-232, RS-422, RS-485
Isolated Serial Interface
This product is classified as legacy and is not recommended for new or high volume designs.
Sealevel will support legacy products through technical and warranty support, software drivers and product manuals. Please contact
Sales for further information. For new product designs, we recommend the 7203e.
The 7903 is a 3U Compact PCI interface adapter with two isolated serial I/O ports. It provides two field selectable RS-232, RS-422, or
RS-485 serial ports supporting data rates up to 921.6K bps. Isolation is important in installations where the equipment connected to
the PC is either located far from the host system, or on a different power transformer circuit.
Note: This item has a minimum order quantity (MOQ) of 25 units. Please contact your sales representative with any questions.
Part: 7903 | Model: ISO COMM2.cPCI
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 7903

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7903 3M-7903 Datasheet
201Kb / 8P
3M??Sheet Label Material 7903
logo
Alpha Wire
79030 ALPHAWIRE-79030 Datasheet
407Kb / 4P
14 (41/30) AWG Tinned Copper
79031 ALPHAWIRE-79031 Datasheet
407Kb / 4P
14 (41/30) AWG Tinned Copper
logo
TE Connectivity Ltd
790319-1 TEC-790319-1 Datasheet
66Kb / 1P
AMP Positive Lock Steckverbinder
790319-2 TEC-790319-2 Datasheet
66Kb / 1P
AMP Positive Lock Steckverbinder
More results

Similar Description - 7903

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
Moxa Inc.
CP-114UL MOXA-CP-114UL Datasheet
726Kb / 4P
4-port RS-232/422/485 Universal PCI serial boards
CP-118EL-A MOXA-CP-118EL-A Datasheet
979Kb / 4P
8-port RS-232/422/485 PCI Express serial boards
CP-118U MOXA-CP-118U Datasheet
979Kb / 5P
8-port RS-232/422/485 Universal PCI serial boards
logo
Advantech Co., Ltd.
PCI-1602 ADVANTECH-PCI-1602 Datasheet
846Kb / 1P
2-port RS-232/422/485 PCI Communication Card
22-Aug-2019
MIC-3955 ADVANTECH-MIC-3955_V01 Datasheet
1Mb / 2P
3U CompactPCI짰 RS-232/422/485 Serial Communication Card
18-Feb-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com