Electronic Components Datasheet Search
  English  ▼

X  

7903 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 7903
Description  3U Compact PCI 2-Port RS-232, RS-422, RS-485 Isolated Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7903 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  7903 Datasheet HTML 1Page - Sealevel Systems, Inc. 7903 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
3U Compact PCI 2-Port RS-232, RS-422, RS-485 Isolated Serial Interface
Part: 7903 | Model: ISO COMM2.cPCI
Features
• Hot Swap compliant (PICMG 2.1 Rev. 3.0)
• PCI bus 2.2 compliant
• Automatic RS-485 Enable and Disable
• Supports data rates up to 921.6K bps
• 16850 buffered UART standard
• Universal 3.3 and 5V compatible
• Full RS-232 control signals supported
sealevel.com
+1 864.843.4343
SL9659 H22
Specifications
Communications Chip
16C850
Electrical Interface
RS-232, RS-422, RS-485
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
Compact PCI
Max Data Distance
4000 feet
Max Data Rate
921.6K bps
Optically Isolated
Yes
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
2
Serial Connector(s)
DB9M
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
UART Series
850 UART



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com