Electronic Components Datasheet Search
  English  ▼

X  

2471 Datasheet(PDF) 3 Page - Adafruit Industries

Part # 2471
Description  Adafruit HUZZAH ESP8266 Breakout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2471 Datasheet(HTML) 3 Page - Adafruit Industries

  2471 Datasheet HTML 1Page - Adafruit Industries 2471 Datasheet HTML 2Page - Adafruit Industries 2471 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
One breakout at the end has an "FTDI" pinout so you can plug in an FTDI or console
cable to upload software and read/write debugging information via the UART.
When you're done with your coding, remove the cable, and this little module can be
embeded into your project box.
Each module comes pre-loaded with NodeMCU's Lua interpreter (NodeMCU 0.9.5
build 20150318 / Lua 5.1.4 to be specific), you can run commands, and 'save' Lua
programs directly to the module's Flash using a USB-Serial converter cable. But, if
you'd like, you can skip Lua and go direct to using the Arduino IDE. Once you
download the ESP8266 core, you can treat it just like a microcontroller+WiFi board,
no other processors needed!
Each order comes with one assembled and tested HUZZAH ESP8266 breakout
board, and a stick of 0.1" header that you can solder on and plug the breakout into
a breadboard. A soldering iron and solder are required for that, and aren't
included. Solderless breadboard also not included. You'll really want a USB-serial
cable such as a USB console cable,  FTDI Friend, or FTDI cable (3 or 5V power/logic
is fine) to upload software to the HUZZAH ESP8266! Our essential tutorial has
wiring, pinouts, assembly, downloads, and more!
7/16/2015
http://www.adafruit.com/product/2471



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com