Electronic Components Datasheet Search
  English  ▼

X  

2471 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2471
Description  Adafruit HUZZAH ESP8266 Breakout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2471 Datasheet(HTML) 2 Page - Adafruit Industries

  2471 Datasheet HTML 1Page - Adafruit Industries 2471 Datasheet HTML 2Page - Adafruit Industries 2471 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Add Internet to your next project with an adorable, bite-sized WiFi microcontroller,
at a price you like! The ESP8266 processor from Espressif is an 80 MHz
microcontroller with a full WiFi front-end (both as client and access point) and
TCP/IP stack with DNS support as well. While this chip has been very popular, its
also been very difficult to use. Most of the low cost modules are not breadboard
friendly, don't have an onboard 500mA 3.3V regulator or level shifting, and aren't
CE or FCC emitter certified....UNTIL NOW!
The Adafruit HUZZAH ESP8266 breakout is what we designed to make working with
this chip super easy and a lot of fun. We took a certified module with an onboard
antenna, and plenty of pins, and soldered it onto our designed breakout PCBs. We
added in:
• Reset button,
• User button that can also put the chip into bootloading mode,
• Red LED you can blink,
• Level shifting on the UART and reset pin,
• 3.3V out, 500mA regulator (you'll want to assume the ESP8266 can draw up to
250mA so budget accordingly)
• Two diode-protected power inputs (one for a USB cable, another for a battery)
Two parallel, breadboard-friendly breakouts on either side give you access to:
• 1 x Analog input (1.8V max)
• 9 x GPIO (3.3V logic), which can also be used for I2C or SPI
•2 x UART pins
• 2 x 3-12V power inputs, reset, enable, LDO-disable, 3.3V output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com