Electronic Components Datasheet Search
  English  ▼

X  

3099 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3099
Description  Raspberry Pi Camera Board v2 - 8 Megapixels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3099 Datasheet(HTML) 1 Page - Adafruit Industries

  3099 Datasheet HTML 1Page - Adafruit Industries 3099 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Raspberry Pi Camera Board v2 - 8
Megapixels
PRODUCT ID: 3099
Description
Snap, snap! The Camera v2 is the new official camera board released by the Raspberry Pi
Foundation!
The Raspberry Pi Camera Board v2 is a high quality 8 megapixel Sony IMX219 image sensor
custom designed add-on board for Raspberry Pi, featuring a fixed focus lens. It's capable of 3280
x 2464 pixel static images, and also supports 1080p30, 720p60, and 640x480p90 video.
It attaches to the Pi by way of one of the small sockets on the board's upper surface and uses the
dedicated CSi interface, designed especially for interfacing to cameras.
We also carry the original Camera Board which is 5 megapixels!
And we also have the new 8 megapixel version of the popular Raspberry Pi NoIR Camera Board!


Similar Part No. - 3099

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3099 KR-3099 Datasheet
60Kb / 3P
875 Hz Active Notch Filter
logo
Heyco.
3099 HEYCO-3099 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3099 ABBATRON-3099 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Molex Electronics Ltd.
3099-03A1 MOLEX11-3099-03A1 Datasheet
41Kb / 2P
2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits
3099-03A2 MOLEX3-3099-03A2 Datasheet
94Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits
More results

Similar Description - 3099

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
1731 ETC2-1731 Datasheet
82Kb / 1P
Flex Cable for Raspberry Pi Camera - 24 / 610mm
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com