Electronic Components Datasheet Search
  English  ▼

X  

3099 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3099
Description  Raspberry Pi Camera Board v2 - 8 Megapixels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3099 Datasheet(HTML) 2 Page - Adafruit Industries

  3099 Datasheet HTML 1Page - Adafruit Industries 3099 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The upgraded Raspberry Pi Camera board v2 features: 
Improved Resolution 
8 megapixel native resolution high quality Sony IMX219 image sensor
Cameras are capable of 3280 x 2464 pixel static images 
Remaining High Quality 
Capture video at 1080p30, 720p60 and 640x480p90 resolutions
All software is supported within the latest version of Raspbian Operating System
1.4 µm X 1.4 µm pixel with OmniBSI technology for high performance (high sensitivity, low
crosstalk, low noise)
Optical size of 1/4"
Note: Raspberry Pi not included!
Technical Details
Dimensions: 25mm x 23mm x 9mm / 0.98" x 0.90" x 0.35"
Weight (camera board + attached cable): 3.4g
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com