Electronic Components Datasheet Search
  English  ▼

X  

HAS50-S Datasheet(PDF) 2 Page - LEM

Part # HAS50-S
Description  Current Transducer HAS 50 ... 600-S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS50-S Datasheet(HTML) 2 Page - LEM

  HAS50-S Datasheet HTML 1Page - LEM HAS50-S Datasheet HTML 2Page - LEM HAS50-S Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2/3
22September2022/Version 16
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
Current Transducer HAS 50 ... 600-S
Insulation coordination
U
d
RMS voltage for AC insulation test, 50 Hz, 1 min
3.6
kV
U
Ni
Impulse withstand voltage 1.2/50 µs
> 6.6
kV
Min
d
Cp
Creepage distance
7.08
mm
d
CI
Clearance
6.23
mm
CTI
Comparative tracking index (group IIIa)
275
Applications examples
According to IEC 61010-1 standard and following conditions:
● Over voltage category OV 3
● Pollution degree PD2
● Non-uniform field
Safety
This transducer must be used in limited-energy secondary circuits according to
IEC 61010-1.
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the manufacturer’s
operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a build-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
IEC 61010-1
d
Cp, dCI, UNi
Nominal voltage
Basic insulation
600 V
Reinforced insulation
300 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com