Electronic Components Datasheet Search
  English  ▼

X  

HAS50-S Datasheet(PDF) 1 Page - LEM

Part # HAS50-S
Description  Current Transducer HAS 50 ... 600-S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS50-S Datasheet(HTML) 1 Page - LEM

  HAS50-S Datasheet HTML 1Page - LEM HAS50-S Datasheet HTML 2Page - LEM HAS50-S Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
22September2022/Version 16
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
N° 74.74.25.000.0, N° 74.74.34.000.0, N° 74.74.44.000.0, N° 74.74.46.000.0, N° 74.74.48.000.0, N° 74.74.50.000.0, N° 74.74.52.000.0
I
P N = 50 ... 600 A
Features
● Hall effect measuring principle
● Insulating plastic case made of
polycarbonate PBT recognized
according to UL 94-V0.
Advantages
● Easy mounting
● Low power consumption
● Small size and space saving
● Only one design for wide current
ratings range
● High immunity to external
interference.
Applications
● AC variable speed drives
● Static converters for DC motor
drives
● Battery supplied applications
● Uninterruptible Power Supplies
(UPS)
● Switched Mode Power Supplies
(SMPS)
● Power supplies for welding
applications.
Application domain
● Industrial.
Current Transducer HAS 50 ... 600-S
For the electronic measurement of currents: DC, AC, pulsed...,
with galvanic separation between the primary circuit and the secondary
circuit.
Electrical data
Type
Primary nominal
Primary current,
RMS current
measuring range 1)
I
P N (A)
I
P M (A)
HAS 50-S
50
±150
HAS 100-S
100
±300
HAS 200-S
200
±600
HAS 300-S
300
±900
HAS 400-S
400
±900
HAS 500-S
500
±900
HAS 600-S
600
±900
U
C
Supply voltage (±5 %) 1)
±15
V
I
C
Current consumption
±15
mA
R
INS
Insulation resistance @ 500 V DC
> 1000
MΩ
U
out
Output voltage (Analog) @ ±I
P N, RL = 10 kΩ, TA = 25 °C
±4
V
R
out
Output internal resistance
approx
100
Ω
R
L
Load resistance 2)
> 1
kΩ
Accuracy - Dynamic performance data
ε
tot
Total error @ I
P N, TA = 25 °C (excluding offset)
< ±1
% of I
P N
ε
L
Linearity error 3) (0 ... ±I
P N)
< ±1
% of I
P N
U
O E
Electrical offset voltage, T
A = 25 °C HAS 50-S
< ±40
mV
HAS 100 ... 600-S < ±20
mV
U
O M
Hysteresis offset voltage @ I
P = 0,
after an excursion of 1 × I
P N
< ±20
mV
TCU
O E Temperature coefficient of UO E
HAS 50-S
< ±2
mV/K
HAS 100 ... 600-S < ±1
mV/K
TCU
out Temperature coefficient of Uout (% of reading)
< ±0.1
%/K
t
D 90
Delay time to 90 % of the final output value for I
P N step
4)
< 3
µs
BW
Frequency bandwidth (−3 dB) 5)
DC ... 50
kHz
General data
T
A
Ambient operating temperature
−10 ... +80
°C
T
A st
Ambient storage temperature
−25 ... +80
°C
m
Mass
approx
60
g
Standards
UL
UL 508:2010
EMC
IEC 61000-6-2:2016
IEC 61800-3:2017 6)
Safety
IEC 61010-1:2010
Environmental
IEC 61477-1:2012
IEC 61800-2:2012
Notes: 1) Operating at ±12 V ≤ U
C < ±15 V will reduce the measuring range
2)
If the customer uses 1 kΩ of the load resistor, the primary current has to be limited as
the nominal. To measure the full defined measuring range, the load resistor should
be at minimum 10 kΩ
3)
Linearity data exclude the electrical offset
4)
For a di/dt = 50 A/µs
5)
Under small signals condition
6)
Regarding compliance towards IEC 61000-4-3 (IEC 61800-3:2017): variation of the
offset between 390 MHz and 400 MHz with a field intensity of 10 [V/m].


Similar Part No. - HAS50-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAS50-S LEM-HAS50-S Datasheet
48Kb / 2P
Current Transducers HAS 50 to 600-S
HAS50-S LEM-HAS50-S Datasheet
723Kb / 2P
Current Transducer
logo
HITRON ELECTRONICS CORP...
HAS50-S033075 HITRON-HAS50-S033075 Datasheet
368Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAS50-S050060 HITRON-HAS50-S050060 Datasheet
368Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAS50-S120042 HITRON-HAS50-S120042 Datasheet
368Kb / 2P
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
More results

Similar Description - HAS50-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAL50-S LEM-HAL50-S Datasheet
57Kb / 2P
Current Transducer HAL 50~600-S
HAS50-P LEM-HAS50-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HAS50-S LEM-HAS50-S Datasheet
48Kb / 2P
Current Transducers HAS 50 to 600-S
HAS-300-S LEM-HAS-300-S Datasheet
217Kb / 3P
Current Transducer HAS 50 .. 600-S
HAS-50-S LEM-HAS-50-S Datasheet
530Kb / 3P
Current Transducer HAS 50 .. 600-S
HAS-200-S LEM-HAS-200-S Datasheet
530Kb / 3P
Current Transducer HAS 50 .. 600-S
HASS-100-S LEM-HASS-100-S Datasheet
823Kb / 3P
Current Transducer HASS 50 .. 600-S
HASS-200-S LEM-HASS-200-S Datasheet
823Kb / 3P
Current Transducer HASS 50 .. 600-S
HASS-300-S LEM-HASS-300-S Datasheet
823Kb / 3P
Current Transducer HASS 50 .. 600-S
HASS-400-S LEM-HASS-400-S Datasheet
823Kb / 3P
Current Transducer HASS 50 .. 600-S
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com