Electronic Components Datasheet Search
  English  ▼

X  

26.02 Datasheet(PDF) 2 Page - Finder Relays, Inc.

Part # 26.02
Description  26 SERIES Step relays 10 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

26.02 Datasheet(HTML) 2 Page - Finder Relays, Inc.

  26.02 Datasheet HTML 1Page - Finder Relays, Inc. 26.02 Datasheet HTML 2Page - Finder Relays, Inc. 26.02 Datasheet HTML 3Page - Finder Relays, Inc. 26.02 Datasheet HTML 4Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
K
Ordering information
Example: 26 series screw terminal, panel mount relay, double phase switch 2 NO (DPST-NO) 10 A contacts, coil rated 12 V AC.
2 6 . 0
2 . 8 . 0 1 2 . 0 . 0 . 0 . 0
Series
Type
0 = Screw terminal
No. of poles
1 = Single phase switch 1 NO (SPST-NO)
2 = Double phase switch 2 NO (DPST-NO)
3 = Double phase switch 1 NO + 1 NC (SPST-NO + SPST-NC)
4 = 4 sequences double phase switch 2 NO (DPST-NO)
6 = 3 sequences double phase switch 2 NO (DPST-NO)
8 = 4 sequences double phase switch 2 NO (DPST-NO)
Coil voltage
See coil specifications
Coil version
8 = AC (50 Hz)
Technical data
Insulation
Dielectric strength
between supply and contacts
V AC 3500
between open contacts
V AC 2000
between adjacent contacts
V AC 2000
Other data
26.01, 26.03, 26.08
26.02, 26.04, 26.06
Power lost to the environment
with rated current and coil de-energised W 0.9
1.8
Screw torque
Nm 0.8
0.8
Max. wire size
solid cable
stranded cable
solid cable
stranded cable
mm2 1 x 4 / 2 x 2.5
1 x 2.5 / 2 x 2.5
1 x 4 / 2 x 2.5
1 x 2.5 / 2 x 2.5
AWG 1 x 12 / 2 x 14
1 x 14 / 2 x 14
1 x 12 / 2 x 14
1 x 14 / 2 x 14
Coil specifications
AC version data
Nominal
voltage
UN
Coil
code
Operating range
Resistance Consumption
I at UN
(50 Hz)
Umin
Umax
R
V
V
V
Ω
mA
12
8.012
9.6
13.2
17
370
24
8.024
19.2
26.4
70
180
48
8.048
38.4
52.8
290
90
110
8.110
88
121
1500
40
230
8.230
184
253
6250
20
Type
Number
of steps
Sequence
1
2
3
4
26.01
2
26.02
2
26.03
2
26.04
4
26.06
3
26.08
4
2
26 SERIES
Step relays 10 A
26
SERIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com