Electronic Components Datasheet Search
  English  ▼

X  

26.02 Datasheet(PDF) 3 Page - Finder Relays, Inc.

Part # 26.02
Description  26 SERIES Step relays 10 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

26.02 Datasheet(HTML) 3 Page - Finder Relays, Inc.

  26.02 Datasheet HTML 1Page - Finder Relays, Inc. 26.02 Datasheet HTML 2Page - Finder Relays, Inc. 26.02 Datasheet HTML 3Page - Finder Relays, Inc. 26.02 Datasheet HTML 4Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
K
Wiring diagrams
N
L
Accessories
for 12 and 24 V DC control applications
Type: 026.9.012
Nominal voltage: 12 V DC
Max temperature: +40 °C
Operating range: (0.9…1.1)UN
Type: 026.9.024
Nominal voltage: 24 V DC
Max temperature: +40 °C
Operating range: (0.9…1.1)UN
Example of wiring for 24 V DC control application.
Module for use with illuminated push buttons (230 V AC applications)
Type 026.00
Sealed construction, 7.5 cm insulated flexible wire termination.
Example of wiring diagram of type 026.00
This module is necessary when using between 1 and a maximum of 15
illuminated push buttons in the coil circuit (Each 1 mA max, 230 V AC).
It must be connected in parallel to the coil of the relay (see diagram).
3
26
SERIES
26 SERIES
Step relays 10 A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com