Electronic Components Datasheet Search
  English  ▼

X  

WHS2 Datasheet(PDF) 5 Page - TT Electronics.

Part # WHS2
Description  Wirewound High Surge Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WHS2 Datasheet(HTML) 5 Page - TT Electronics.

  WHS2 Datasheet HTML 1Page - TT Electronics. WHS2 Datasheet HTML 2Page - TT Electronics. WHS2 Datasheet HTML 3Page - TT Electronics. WHS2 Datasheet HTML 4Page - TT Electronics. WHS2 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dimensions mm
a
b
c
WHS2
6
52
5
WHS3
6
67
10
WHS5
6
63
10
WHS7
6
85
10
WHS10
9
105
10
WHS10N
9
105
20
Dimensions mm
a
b
c
WHS7U
6
95
10
Ordering Procedure
Example: WHS2-100RJA25 (WHS2, 100 ohms ±5%, Pb-free)
Packaging
The standard packaging for WHS is taped. The critical dimensions are shown below. The component wires will not protrude beyond
the outside edge of the tapes. Taped product is then packed into boxes or onto reels. See Ordering Procedure for details. Alternative
packaging is available by request. Pre-formed resistors are supplied loose packed in plastic bags or boxes.
Changes to Packaging
Remove text from table and replace image:
Dimensions mm
a
b
c
WHS2
6
52
5
WHS3
6
67
10
WHS5
6
63
10
*WHS7
6
85
10
WHS10
9
105
10
WHS10N
9
105
20
*An offset lead length is available for WHS7 series.
Consult factory for details
Add new table below:
Dimensions mm
a
b
c
WHS7U
6
95
10
Ordering Procedure
Example: WHS2-100RJA25 (WHS2, 100 ohms ±5%, Pb-free)
W H
S 2
-
1
0
0 R J A 2 5
1
2
3
4
5
1
2
3
4
5
Type
Variant
Value
Tolerance
Packing
WHS2
U = unequal
lead length
(WHS7 only)
3/4 characters F = ±1%
A25
WHS2
Ammo pack, 2500/box
WHS3
R = ohms
G = ±2%
A1
WHS3
Ammo pack, 1000/box
WHS5
J = ±5%
T075
WHS5
Tape & reel, 750/reel
WHS7
N = non-
inductive
(WHS10 only)
T07
WHS7(U)
Tape & reel, 700/reel
WHS10
A02
WHS10
Ammo pack, 200/box
A01
WHS10N
Ammo pack, 100/box
ULW ADDITIONAL
Example: ULWP2R-33RJT15 (ULWP2R radially formed & taped, 33 ohms ±5%, Pb-free)
WHS ADDITIONAL
Example: WHSP2R-100RJT15 (WHSP2R radially formed & taped, 100 ohms ±5%, Pb-free)
MFP REPLACEMENT
Example: MFP2-4K7FI (MFP2, 4.7 kilohms ±1%, Pb-free)
U
L W P 2 R
-
3
3 R J
T
1 5
1
2
3
4
5
1
2
3
4
5
Type
Leadforming
Value
Tolerance
Packing
ULWP2 R = Radial taped 3/4 characters
J = ±5%
T15 Tape & reel, 1500/reel
R = ohms
W H
S P 2 R
-
1
0
0 R J
T
1 5
1
2
3
4
5
1
2
3
4
5
Type
Leadforming
Value
Tolerance
Packing
3/4 characters
M
F
P
2
-
4
K
7
F
I
1
2
3
4
5
1
2
3
4
5
Type
Leadforming
Value
Tolerance
Packing
MFP1
Blank = Axial
3/4 characters F = ±1%
I
MFP1
Ammo 5000/box
MFP2 R = Radial taped
(MFP2 only)
R = ohms
G = ±2%
MFP2
2000/box
K = kilohms
J = ±5% T15 MFP2R
Reel
1500/reel
M = megohms
R = ohms
WHSP2
WHS3
R = Radial taped
J = ±5%
G = ±2%
F = ±1% T15 WHSP2R Tape & reel
Tape & reel
Ammo pack
1500/reel
1000/reel
2000/box
WHS3R
A2
T1
Example: WHSP2R-100RJT15
(WHSP2R radially formed & taped, 100 ohms ±5%, Pb-free)
WHS Series
Wirewound High Surge Resistors
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com