Electronic Components Datasheet Search
  English  ▼

X  

WHS2 Datasheet(PDF) 1 Page - TT Electronics.

Part # WHS2
Description  Wirewound High Surge Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WHS2 Datasheet(HTML) 1 Page - TT Electronics.

  WHS2 Datasheet HTML 1Page - TT Electronics. WHS2 Datasheet HTML 2Page - TT Electronics. WHS2 Datasheet HTML 3Page - TT Electronics. WHS2 Datasheet HTML 4Page - TT Electronics. WHS2 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Enhanced surge & pulse energy capacity
UL94-V0 flameproof protection
Radial taped form available
Surface mount ZI-form option
Non inductive type available
Dimensions (mm) & Weight (g)
Type
L max
D max
f min
d max
PCB
mount
centres
Min
bend
radius
Wt. nom
WHS2
9.0
3.6
19.80
0.81
12.50
1.2
0.50
WHS3
14.5
5.2
24.55
20.00
1.10
WHS5
16.5
7.0
23.55
22.00
1.75
WHS7
25.0
8.8
28.30
31.00
4.40
WHS10
51.0
10.5
26.00
1.01
56.00
1.5
8.80
WHS10N
11.0
10.50
WHS2 / WHSP2R
WHS3
WHS5
WHS7
WHS10
WHS10N*
Power rating at 25°C
watts
2
3
5
7
10
5s overload rating at 25°C
watts
10
15
25
35
50
Short pulse performance
See Pulse Performance graphs
Resistance range
ohms
1R0-330R
2R2-330R
5R6-100R
TCR
ppm/°C
±200
Isolation Voltage
volts
250
350
500
700
1000
Resistance Tolerance
%
<20R: 5 ≥20R: 1, 2, 5
5%
Standard Values
E24 preferred
Thermal Impedance
°C/watt
110
82
54
35
25
Ambient temperature range
°C
-55 to +155
Construction
A high purity ceramic substrate is assembled with interference fit end caps to which are welded the terminations. The resistive element
is wound on the substrate and welded to the caps. Flameproof silicone cement coating is applied prior to marking with indelible ink. The
components are then leadformed if required and packed.
Electrical Data
Physical Data
No Limiting Element Voltage applies to this series; the Rated Voltage is √(P.R).
*Non inductive (Ayrton Perry) winding
f
D
d
L
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
WHS Series
Wirewound High Surge Resistors
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - WHS2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WHS2 WELWYN-WHS2 Datasheet
430Kb / 4P
Wirewound High Surge Resistors
logo
List of Unclassifed Man...
WHS2 ETC2-WHS2 Datasheet
1Mb / 4P
Wirewound High Surge Resistors
WHS2-10RJA25 ETC2-WHS2-10RJA25 Datasheet
1Mb / 4P
Wirewound High Surge Resistors
logo
TT Electronics.
WHS2UL TTELEC-WHS2UL Datasheet
788Kb / 5P
Wirewound High Surge UL Recognised Fusible Resistors
10.24
More results

Similar Description - WHS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
logo
Welwyn Components Limit...
WHS WELWYN-WHS Datasheet
430Kb / 4P
Wirewound High Surge Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
Wirewound Resistors
30-Mar-12
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
logo
List of Unclassifed Man...
WHS2-10RJA25 ETC2-WHS2-10RJA25 Datasheet
1Mb / 4P
Wirewound High Surge Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
Bourns Electronic Solut...
WS3M22R0J BOURNS-WS3M22R0J Datasheet
493Kb / 3P
High Surge Withstand Wirewound Resistor
logo
Vishay Siliconix
Z300-CXX VISHAY-Z300-CXX Datasheet
153Kb / 7P
High Surge Axial Cemented Leaded Wirewound Resistors
14-Mar-2019
logo
Riedon Powertron
UWP RIEDON-UWP Datasheet
241Kb / 2P
High Power Ceramic Wirewound Resistors
Revised: 202012_001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com