Electronic Components Datasheet Search
  English  ▼

X  

WIN Datasheet(PDF) 1 Page - TT Electronics.

Part # WIN
Description  Water Insoluble Nitride Thin Film Precision Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WIN Datasheet(HTML) 1 Page - TT Electronics.

  WIN Datasheet HTML 1Page - TT Electronics. WIN Datasheet HTML 2Page - TT Electronics. WIN Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions in mm & (inch) and weight in mg
L
W
T
C
B min
A
Wt. nom
T0402
1.02±0.05
(0.04±0.002)
0.53±0.05
(0.021±0.002)
0.3±0.08
(0.012±0.003)
0.2±0.05
(0.008±0.002)
0.44
(0.017)
0.25±0.05
(0.01±0.002)
0.9
T0603 1.58 ± 0.15
(0.062 ± 0.006)
0.80 ± 0.10
(0.031 ± 0.004)
0.45 ± 0.10
(0.018 ± 0.004)
0.27 ± 0.20
(0.011 ± 0.008)
0.82
(0.032)
0.34 ± 0.20
(0.013 ±
0.008)
2.0
T0805 2.02 ± 0.15
(0.080 ± 0.006)
1.28 ± 0.15
(0.050 ± 0.006)
0.45 ± 0.10
(0.018 ± 0.004)
0.31 ± 0.20
(0.012 ± 0.008)
1.1
(0.043)
0.40 ± 0.20
(0.016 ±
0.008)
4.3
T1206 3.15 ± 0.15
(0.124 ± 0.006)
1.57 ± 0.15
(0.062 ± 0.006)
0.50 ± 0.15
(0.020 ± 0.006)
0.45 ± 0.25
(0.018 ± 0.010)
2.03
(0.08)
0.52 ± 0.25
(0.020 ±
0.010)
9.6
T0402
T0603
T0805
T1206
Power rating @ 70°C
watts
0.05
0.1
0.25
0.33
Resistance range
ohms
7R5 to 30K
4R99 to 100K
4R99 to 267K
4R99 to 1M0
Limiting element voltage (maximum voltage)
Vdc or
rms
75
75
100
200
Resistance tolerance
%
±0.05 ±0.1 ±0.5 ±1
TCR
ppm/°C
±10 ±15 ±25 ±50
Standard values
E24, E96, E192
Ambient temperature range
°C
-65 to +150
WIN Series
Features
TaN thin film technology
Inherent moisture protection superior to that of passivated
nichrome chip resistors
High stability in humid and polluted environments
Typical 85°C, 85%RH biased humidity 2000 hour stability <0.1%
Typical moisture resistance stability ±100ppm
Precision ±0.05% tolerance and ±10ppm/°C
Anti-sulfur terminations
100% screened by automated optical inspection
Physical Data
Electrical Data
Construction
Marking & Solvent Resistance
Screening
Water Insoluble Nitride Thin Film
Precision Chip Resistors
Conductors, thin film resistive element and epoxy outer protection are applied to an alumina substrate. The chips are supplied with
wrap-around terminations suitable for soldering. The terminations have an electroplated nickel barrier and either 100% matt tin or 60/40 SnPb finish.
WIN resistors can be screened to any tests identified in MIL-PRF-55342 and AEC-Q200 to provide components suitable as a COTS equivalent to MIL
products or screened product subject to harsh operating environments.
WIN resistors have no marking on the component body. The body protection is resistant to all normal cleaning solvents suitable for printed circuits
L
A
W
T
C
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
B
01.23
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
OBSOLETE


Similar Part No. - WIN

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
WINAL KGS-WINAL Datasheet
371Kb / 1P
Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
WINAL100-020 KGS-WINAL100-020 Datasheet
371Kb / 1P
Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
WINAL50-005 KGS-WINAL50-005 Datasheet
371Kb / 1P
Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
WINAL75-080 KGS-WINAL75-080 Datasheet
371Kb / 1P
Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
logo
ATMEL Corporation
WINC1000 ATMEL-WINC1000 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
More results

Similar Description - WIN

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com