Electronic Components Datasheet Search
  English  ▼

X  

WIN Datasheet(PDF) 2 Page - TT Electronics.

Part # WIN
Description  Water Insoluble Nitride Thin Film Precision Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WIN Datasheet(HTML) 2 Page - TT Electronics.

  WIN Datasheet HTML 1Page - TT Electronics. WIN Datasheet HTML 2Page - TT Electronics. WIN Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Water Insoluble Nitride Thin Film Precision Chip Resistors
WIN Series
www.ttelectronicsresistors.com
Performance Data
Test
Method
ΔR
MIL-PRF-55342
Limits (max)
WIN actual
performance (typ)
Thermal Shock
MIL-PRF-55342 4.8.3 (MIL-STD-202 107G cond. F: 5 cycles in air, +150 / -65°C)
± 0.1%
± 0.025%
Low Temp. Operation
MIL-PRF-55342 4.8.5 (-65°C)
± 0.1%
± 0.02%
Short Time Overload
MIL-PRF-55342 4.8.6 (lesser of 6.25 x Pr or 2 x LEV for 5 seconds)
± 0.1%
± 0.02%
High Temp. Exposure
MIL-PRF-55342 4.8.7 (+150°C for 100 hours)
± 0.1%
± 0.05%
Resistance to Solder Heat MIL-PRF-55342 4.8.8
± 0.2%
± 0.02%
Moisture Resistance
MIL-PRF-55342 4.8.9 (MIL-STD-202 106G: 10 cycles, 65±2°C, 95±5% RH)
± 0.2%
± 0.01%
Load Life
MIL-PRF-55342 4.8.11 (MIL-STD-202 108A: Pr at 70°C for 2000 hours)
± 0.5%
± 0.08%
Biased Damp Heat
85°C, 85%RH, 10% Pr bias, for 2000 hours
N/A
± 0.08%
Flower of Sulfur
ASTM B-809 (modified) 105°C Dry, 1000 Hours
Pass
0%
20%
40%
60%
80%
100%
0
50
100
150
Ambient Temperature (°C
)
Temperature Derating
-0.10%
-0.05%
0.00%
0.05%
0.10%
0
500
1000
1500
2000
Time on Test (hours)
Load Life Stability
Typical Load Life per MIL-STD-202 108A
0.00%
0.01%
0.02%
0.03%
0.04%
0.05%
0.06%
0
500
1000
1500
2000
Time on Test (hours)
Biased Damp Heat Stability
Typical @ 85°C, 85%RH, 10% Pr bias
70kΩ
100Ω
100Ω
70kΩ
25kΩ
500Ω
Water Insoluble Nitride Thin Film Precision Chip Resistors
WIN Series
www.ttelectronicsresistors.com
Performance Data
Test
Method
ΔR
MIL-PRF-55342
Limits (max)
WIN actual
performance (typ)
Thermal Shock
MIL-PRF-55342 4.8.3 (MIL-STD-202 107G cond. F: 5 cycles in air, +150 / -65°C)
± 0.1%
± 0.025%
Low Temp. Operation
MIL-PRF-55342 4.8.5 (-65°C)
± 0.1%
± 0.02%
Short Time Overload
MIL-PRF-55342 4.8.6 (lesser of 6.25 x Pr or 2 x LEV for 5 seconds)
± 0.1%
± 0.02%
High Temp. Exposure
MIL-PRF-55342 4.8.7 (+150°C for 100 hours)
± 0.1%
± 0.05%
Resistance to Solder Heat MIL-PRF-55342 4.8.8
± 0.2%
± 0.02%
Moisture Resistance
MIL-PRF-55342 4.8.9 (MIL-STD-202 106G: 10 cycles, 65±2°C, 95±5% RH)
± 0.2%
± 0.01%
Load Life
MIL-PRF-55342 4.8.11 (MIL-STD-202 108A: Pr at 70°C for 2000 hours)
± 0.5%
± 0.08%
Biased Damp Heat
85°C, 85%RH, 10% Pr bias, for 2000 hours
N/A
± 0.08%
Flower of Sulfur
ASTM B-809 (modified) 105°C Dry, 1000 Hours
Pass
0%
20%
40%
60%
80%
100%
0
50
100
150
Ambient Temperature (°C
)
Temperature Derating
-0.10%
-0.05%
0.00%
0.05%
0.10%
0
500
1000
1500
2000
Time on Test (hours)
Load Life Stability
Typical Load Life per MIL-STD-202 108A
0.00%
0.01%
0.02%
0.03%
0.04%
0.05%
0.06%
0
500
1000
1500
2000
Time on Test (hours)
Biased Damp Heat Stability
Typical @ 85°C, 85%RH, 10% Pr bias
70kΩ
100Ω
100Ω
70kΩ
25kΩ
500Ω
Water Insoluble Nitride Thin Film Precision Chip Resistors
WIN Series
www.ttelectronicsresistors.com
Performance Data
Test
Method
ΔR
MIL-PRF-55342
Limits (max)
WIN actual
performance (typ)
Thermal Shock
MIL-PRF-55342 4.8.3 (MIL-STD-202 107G cond. F: 5 cycles in air, +150 / -65°C)
± 0.1%
± 0.025%
Low Temp. Operation
MIL-PRF-55342 4.8.5 (-65°C)
± 0.1%
± 0.02%
Short Time Overload
MIL-PRF-55342 4.8.6 (lesser of 6.25 x Pr or 2 x LEV for 5 seconds)
± 0.1%
± 0.02%
High Temp. Exposure
MIL-PRF-55342 4.8.7 (+150°C for 100 hours)
± 0.1%
± 0.05%
Resistance to Solder Heat MIL-PRF-55342 4.8.8
± 0.2%
± 0.02%
Moisture Resistance
MIL-PRF-55342 4.8.9 (MIL-STD-202 106G: 10 cycles, 65±2°C, 95±5% RH)
± 0.2%
± 0.01%
Load Life
MIL-PRF-55342 4.8.11 (MIL-STD-202 108A: Pr at 70°C for 2000 hours)
± 0.5%
± 0.08%
Biased Damp Heat
85°C, 85%RH, 10% Pr bias, for 2000 hours
N/A
± 0.08%
Flower of Sulfur
ASTM B-809 (modified) 105°C Dry, 1000 Hours
Pass
0%
20%
40%
60%
80%
100%
0
50
100
150
Ambient Temperature (°C
)
Temperature Derating
-0.10%
-0.05%
0.00%
0.05%
0.10%
0
500
1000
1500
2000
Time on Test (hours)
Load Life Stability
Typical Load Life per MIL-STD-202 108A
0.00%
0.01%
0.02%
0.03%
0.04%
0.05%
0.06%
0
500
1000
1500
2000
Time on Test (hours)
Biased Damp Heat Stability
Typical @ 85°C, 85%RH, 10% Pr bias
70kΩ
100Ω
100Ω
70kΩ
25kΩ
500Ω
WIN Series
Water Insoluble Nitride Thin Film
Precision Chip Resistors
Test
Method
ΔR
MIL-PRF-55342
Limits (max)
WIN actual
performance (typ)
Thermal Shock
MIL-PRF-55342 4.8.3 (MIL-STD-202 107G cond. F: 5 cycles in air, +150 / -65°C)
± 0.1%
± 0.01%
Thermal Shock - Extended
MIL-STD-202 107G cond. F-3: 100 cycles in air, +150 / -65°C
± 0.1%
± 0.02%
Low Temp. Operation
MIL-PRF-55342 4.8.5 (-65°C)
± 0.1%
± 0.02%
Short Time Overload
MIL-PRF-55342 4.8.6 (lesser of 6.25 x Pr or 2 x LEV for 5 seconds)
± 0.1%
± 0.02%
High Temp. Exposure
MIL-PRF-55342 4.8.7 (+150°C for 100 hours)
± 0.1%
± 0.02%
High Temp. Exposure Extended +150°C for 1000 hours
N/A
±0.1%
Resistance to Solder Heat
MIL-PRF-55342 4.8.8
± 0.2%
± 0.02%
Moisture Resistance
MIL-PRF-55342 4.8.9 (MIL-STD-202 106G: 10 cycles, 65±2°C, 95±5% RH)
± 0.2%
± 0.01%
Load Life
MIL-PRF-55342 4.8.11 (MIL-STD-202 108A: Pr at 70°C for 2000 hours)
± 0.5%
± 0.08%
Biased Damp Heat
85°C, 85%RH, 10% Pr bias, for 2000 hours
N/A
± 0.08%
Flower of Sulfur
ASTM B-809 (modified) 105°C Dry, 1000 Hours
Pass
EIA-977 Condition B, 105°C Dry, 750 Hours
TCR
ppm/°C
Tolerance %
T0402
T0603
T0805
T1206
0.1-1
0.05
0.1-1
0.05
0.1-1
0.05
0.1-1
10
5kΩ-10kΩ
5kΩ-40kΩ
5kΩ-80kΩ
15
100Ω-50kΩ
100Ω-100kΩ
100Ω-400kΩ
25
10Ω-30kΩ
50Ω-50kΩ
10Ω-100kΩ
50Ω-100kΩ
10Ω-267kΩ
50Ω-400kΩ
10Ω-1MΩ
50
7.5Ω-30kΩ
4.99Ω-100kΩ
4.99Ω-267kΩ
4.99Ω-1MΩ
Performance Data
Manufacturing Capabilities Data
01.23
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com