Electronic Components Datasheet Search
  English  ▼

X  

T0603 Datasheet(PDF) 3 Page - TT Electronics.

Part # T0603
Description  Water Insoluble Nitride Thin Film Precision Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

T0603 Datasheet(HTML) 3 Page - TT Electronics.

  T0603 Datasheet HTML 1Page - TT Electronics. T0603 Datasheet HTML 2Page - TT Electronics. T0603 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Procedure
WIN Series
Water Insoluble Nitride Thin Film Precision Chip Resistors
Resistors
Ordering Procedure
Water Insoluble Nitride Thin Film Precision Chip Resistors
WIN Series
www. electronicsresistors.com
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: WINT1206LF031001B3
(1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N T
1
2
0
6
L F
0
3
1
0
0
1 B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN
T0603
3 digits + multiplier
R = ohms for
values <100 ohms
A = ±0.05%
B = ±0.1%
D = ±0.5%
F = 1%
T0805
T1206
Pulse performance data 1.2/50
USA (IRC) Part Number: WIN -T1206LF-03-1001-B
(1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N
-
T
1
2
0
6
L F
-
0
3
-
1
0
0
1
-
B
1
2
3
4
5
6
Pulse performance data 10/700
3
7
7
3
Blank 1000/reel
3000/reel Standard
02 = ±50ppm/°C
11 = ±15ppm/°C
03 = ±25ppm/°C
LF = Pb free
PB = SnPb
Water Insoluble Nitride Thin Film Precision Chip Resistors
WIN Series
www. electronicsresistors.com
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: WINT1206LF031001B (1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N T
1
2
0
6
L F
0
3
1
0
0
1 B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN T0603 LF = Pb free 03 = ±25ppm/°C 3 digits + multiplier
R = ohms for
values <100 ohms
B = ±0.1%
Tape & reel
T0805
All sizes 1000/reel
T1206
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Value (kilohms)
1.2/50µs Pulse Performance
IEC60 115-1, 5 pulses, |ΔR|<0.1%
USA (IRC) Part Number: WIN-T1206LF-03-1001-B (1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N
-
T
1
2
0
6
L F
-
0
3
-
1
0
0
1
-
B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN T0603 LF = Pb free 03 = ±25ppm/°C 3 digits + multiplier
R = ohms for
values <100 ohms
B = ±0.1%
Tape & reel
T0805
All sizes 1000/reel
T1206
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Value (kilohms)
10/700µs Pulse Performance
IEC60 115-1, 10 pulses, |ΔR|<0.1%
1206
0603
0805
1206
0603
0805
Water Insoluble Nitride Thin Film Precision Chip Resistors
WIN Series
www. electronicsresistors.com
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: WINT1206LF031001B (1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N T
1
2
0
6
L F
0
3
1
0
0
1 B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN T0603 LF = Pb free 03 = ±25ppm/°C 3 digits + multiplier
R = ohms for
values <100 ohms
B = ±0.1%
Tape & reel
T0805
All sizes 1000/reel
T1206
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Value (kilohms)
1.2/50µs Pulse Performance
IEC60 115-1, 5 pulses, |ΔR|<0.1%
USA (IRC) Part Number: WIN-T1206LF-03-1001-B (1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N
-
T
1
2
0
6
L F
-
0
3
-
1
0
0
1
-
B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN T0603 LF = Pb free 03 = ±25ppm/°C 3 digits + multiplier
R = ohms for
values <100 ohms
B = ±0.1%
Tape & reel
T0805
All sizes 1000/reel
T1206
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Value (kilohms)
10/700µs Pulse Performance
IEC60 115-1, 10 pulses, |ΔR|<0.1%
1206
0603
0805
1206
0603
0805
11.17
General Note
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Pulse performance for 0402 to be advised.
T0402
12 = ±10ppm/°C
Tape & reel
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN
T0603
3 digits + multiplier
R = ohms for
values <100 ohms
A = ±0.05%
B = ±0.1%
D = ±0.5%
F = 1%
T0805
T1206
1000/reel
3000/reel
Standard
02 = ±50ppm/°C
11 = ±15ppm/°C
03 = ±25ppm/°C
LF = Pb free
T0402 PB = SnPb
12 = ±10ppm/°C
Tape & reel
Water Insoluble Nitride Thin Film Precision Chip Resistors
WIN Series
www.ttelectronicsresistors.com
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: WINT1206LF031001B (1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N T
1
2
0
6
L F
0
3
1
0
0
1 B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN T0603 LF = Pb free 03 = ±25ppm/°C 3 digits + multiplier
R = ohms for
values <100 ohms
B = ±0.1%
Tape & reel
T0805
All sizes 1000/reel
T1206
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Value (kilohms)
1.2/50µs Pulse Performance
IEC60 115-1, 5 pulses, |ΔR|<0.1%
USA (IRC) Part Number: WIN-T1206LF-03-1001-B (1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N
-
T
1
2
0
6
L F
-
0
3
-
1
0
0
1
-
B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN T0603 LF = Pb free 03 = ±25ppm/°C 3 digits + multiplier
R = ohms for
values <100 ohms
B = ±0.1%
Tape & reel
T0805
All sizes 1000/reel
T1206
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Value (kilohms)
10/700µs Pulse Performance
IEC60 115-1, 10 pulses, |ΔR|<0.1%
1206
0603
0805
1206
0603
0805
Water Insoluble Nitride Thin Film Precision Chip Resistors
WIN Series
www.ttelectronicsresistors.com
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: WINT1206LF031001B (1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N T
1
2
0
6
L F
0
3
1
0
0
1 B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN T0603 LF = Pb free 03 = ±25ppm/°C 3 digits + multiplier
R = ohms for
values <100 ohms
B = ±0.1%
Tape & reel
T0805
All sizes 1000/reel
T1206
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Value (kilohms)
1.2/50µs Pulse Performance
IEC60 115-1, 5 pulses, |ΔR|<0.1%
USA (IRC) Part Number: WIN-T1206LF-03-1001-B (1206, ±25ppm/°C, 1 kilohm ±0.1%, Pb-free)
W I
N
-
T
1
2
0
6
L F
-
0
3
-
1
0
0
1
-
B
1
2
3
4
5
6
1
2
3
4
5
6
Series Type Termination
TCR
Value
Tolerance
Packing
WIN T0603 LF = Pb free 03 = ±25ppm/°C 3 digits + multiplier
R = ohms for
values <100 ohms
B = ±0.1%
Tape & reel
T0805
All sizes 1000/reel
T1206
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Value (kilohms)
10/700µs Pulse Performance
IEC60 115-1, 10 pulses, |ΔR|<0.1%
1206
0603
0805
1206
0603
0805
Pulse performance for 0402 to be advised.
WIN Series
Water Insoluble Nitride Thin Film
Precision Chip Resistors
01.23
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com