Electronic Components Datasheet Search
  English  ▼

X  

TL082 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL082
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL082 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL082 Datasheet HTML 2Page - Texas Instruments TL082 Datasheet HTML 3Page - Texas Instruments TL082 Datasheet HTML 4Page - Texas Instruments TL082 Datasheet HTML 5Page - Texas Instruments TL082 Datasheet HTML 6Page - Texas Instruments TL082 Datasheet HTML 7Page - Texas Instruments TL082 Datasheet HTML 8Page - Texas Instruments TL082 Datasheet HTML 9Page - Texas Instruments TL082 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
± 15
± 12.5
± 10
± 7.5
± 5
± 2.5
0
f - Frequenc y - Hz
1k
10k
100k
1M
10M
RL = 10 kΩ
TA = 25°C
VCC± = ±15 V
VCC± = ±10 V
VCC± = ±5 V
100
VCC± = ±5 V
VCC± = ±10 V
VCC± = ±15 V
RL = 2 kΩ
TA = 25°C
± 15
± 12.5
± 10
± 7.5
± 5
± 2.5
0
f - Frequenc y - Hz
100
1k
10k
1M
10M
100k
TL082-Q1
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS548 – SEPTEMBER 2007
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the devices.
Table of Graphs
FIGURE
vs Frequency
3, 4, 5
vs Free-air temperature
6
VOM
Maximum peak output voltage
vs Load resistance
7
vs Supply voltage
8
vs Free-air temperature
9
AVD
Large-signal differential voltage amplification
vs Frequency
10
PD
Total power dissipation
vs Free-air temperature
11
vs Free-air temperature
12
ICC
Supply current
vs Supply voltage
13
IIB
Input bias current
vs Free-air temperature
14
Large-signal pulse response
vs Time
15
VO
Output voltage
vs Elapsed time
16
CMRR
Common-mode rejection ratio
vs Free-air temperature
17
Vn
Equivalent input noise voltage
vs Frequency
18
THD
Total harmonic distortion
vs Frequency
19
MAXIMUM PEAK OUTPUT VOLTAGE
MAXIMUM PEAK OUTPUT VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
(See Figure 2)
(See Figure 2)
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com