Electronic Components Datasheet Search
  English  ▼

X  

TL1431 Datasheet(PDF) 12 Page - Texas Instruments

Part # TL1431
Description  TL1431-EP Precision-Programmable Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1431 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL1431 Datasheet HTML 8Page - Texas Instruments TL1431 Datasheet HTML 9Page - Texas Instruments TL1431 Datasheet HTML 10Page - Texas Instruments TL1431 Datasheet HTML 11Page - Texas Instruments TL1431 Datasheet HTML 12Page - Texas Instruments TL1431 Datasheet HTML 13Page - Texas Instruments TL1431 Datasheet HTML 14Page - Texas Instruments TL1431 Datasheet HTML 15Page - Texas Instruments TL1431 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
V(BATT)
R
R1
0.1%
R2
0.1%
VI(ref)
VO
TL1431
O
I(ref)
R1
V
1
V
R2
æ
ö
=
+
ç
÷
è
ø
TL1431-EP
SLVS529D – APRIL 2004 – REVISED JANUARY 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The ability to set the shunt voltage, VKA, to any voltage between VREF and the maximum rated voltage for the
shunt regulator provides a lot of flexibility. It takes two resistors to set the shunt voltage. In an ideal common
anode shunt regulator, the shunt voltage would be VREF × (R1/R2 + 1).
Real world shunt regulators have limited gain, non-zero reference input current, and suffer from cathode voltage
modulation. This application report derives comprehensive formulas that accurately represent the relationship
between the shunt voltage and feedback resistors. It also shows a practical example.
10.1.1 Shunt Regulator Limitations
Real world shunt regulators have three parameters that should be considered.
•
Dynamic impedance, ZKA
•
Reference pin current, IREF
•
Ratio of change in reference voltage to the change in cathode voltage,
ΔVREF/ΔVKA.
The first parameter will cause a VREF shift for all VKA values and the last two only apply when VKA, is set greater
than VREF.
ZKA offsets the VREF in direct proportion to the cathode current. The data sheet generally specifies VREF at a
specific current. At any other current ZKA impacts VREF.
IREF causes an inequality in the feedback resistor currents which changes the effective DC feedback ratio. This
factor is often included in data sheet formulas.
ΔVREF/ΔVKA specifies how much the VREF voltage changes when the cathode voltage changes. This is a
frequently ignored factor although the effect can be significant.
10.2 Typical Application
NOTE: R should provide cathode current
≥1 mA to the TL1431-EP at minimum V(BATT).
Figure 21. Shunt Regulator
12
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com