Electronic Components Datasheet Search
  English  ▼

X  

TL1431 Datasheet(PDF) 13 Page - Texas Instruments

Part # TL1431
Description  TL1431-EP Precision-Programmable Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1431 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL1431 Datasheet HTML 9Page - Texas Instruments TL1431 Datasheet HTML 10Page - Texas Instruments TL1431 Datasheet HTML 11Page - Texas Instruments TL1431 Datasheet HTML 12Page - Texas Instruments TL1431 Datasheet HTML 13Page - Texas Instruments TL1431 Datasheet HTML 14Page - Texas Instruments TL1431 Datasheet HTML 15Page - Texas Instruments TL1431 Datasheet HTML 16Page - Texas Instruments TL1431 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VKA
IFB
IKA
U1TL431
IREF
R1
R2
Input
VREF
TL1431-EP
www.ti.com
SLVS529D – APRIL 2004 – REVISED JANUARY 2015
Typical Application (continued)
10.2.1 Design Requirements
To calculate the values for resistors R1 and R2, the values of the following parameters must be known: the
feedback current, (IFB), cathode current, (IKA), and desired shunt voltage, (VKA).
The Electrical Characteristics table specifies when VKA = VREF and IKA is 10 mA the nominal VREF, (labeled VNOM)
is 2.5 V. The reference voltage varies with cathode voltage at two different rates. The reference voltage is –1.1
mV/V from VREF to 10 V then –1.5 mV/V above 10 V. The reference pin current is 4 µA.
The ZKA parameter offsets VREF by (IKA – INOM) × ZKA .
In addition, the
ΔVREF / ΔVKA parameter offsets VREF by either –1.1 mV × (VKA – 2.5 V) if VKA ≤ 10 V or –8.25 mV
–1.5 mV/V × (VKA – 10 V) if VKA>10 V. The –8.25-mV constant is the VREF offset as VKA changes from
VNOM to 10 V, (10 V – 2.5 V) × –1.1 mV/V.
Therefore:
If VKA ≤ 10 V then;
VREF = VNOM + (IKA – INOM) x ZKA + (VKA – VNOM) × –1.1 mV/V
(1)
If VKA > 10 then;
VREF = VNOM + (IKA – INOM) × ZKA + (VKA – 10 V) x –1.5 mV/V –8.25 mV
(2)
spacer
Now that the value of VREF is calculated, use Equation 1 and Equation 2 to calculate the value of R1 and R2.
R1 = (VKA – VREF) / IFB
(3)
R2 = VREF / (IFB – IREF)
(4)
NOTE
R2 has less current than R1.
10.2.2 Detailed Design Procedure
The goal of the design is: the TL1431 cathode set to 12 V, the cathode current at 2 mA, and a feedback current
of 0.2 mA.
Using the formula derived in the general example for VKA>10 V.
VREF = VNOM + (IKA – INOM) × ZKA + (VKA – 10 V) × -1.1 mV – 8.25 mV
(5)
VREF = 2.500 V + (2 mA – 10 mA) x 2 Ω+ (12 V – 10 V) × –1.1 mV – 8.25 mV
(6)
Using Equation 5 and Equation 6, the value of VREF = 2.473 V
spacer
R1 = (VKA – VREF) / IFB
(7)
R1 = (12 V – 2.473 V) / 0.2 mA
(8)
Using Equation 7 and Equation 8, the value of R1 = 46.285 kΩ
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com