Electronic Components Datasheet Search
  English  ▼

X  

TL3695P Datasheet(PDF) 7 Page - Texas Instruments

Part # TL3695P
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3695P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL3695P Datasheet HTML 3Page - Texas Instruments TL3695P Datasheet HTML 4Page - Texas Instruments TL3695P Datasheet HTML 5Page - Texas Instruments TL3695P Datasheet HTML 6Page - Texas Instruments TL3695P Datasheet HTML 7Page - Texas Instruments TL3695P Datasheet HTML 8Page - Texas Instruments TL3695P Datasheet HTML 9Page - Texas Instruments TL3695P Datasheet HTML 10Page - Texas Instruments TL3695P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range, CL = 15 pF
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
VID = − 1.5 V to 1.5 V,
14
37
ns
tPHL
Propagation delay time, high- to low-level output
VID = 1.5 V to 1.5 V,
See Figure 7
14
37
ns
tPZH
Output enable time to high level
See Figure 8
7
20
ns
tPZL
Output enable time to low level
See Figure 8
7
20
ns
tPHZ
Output disable time from high level
See Figure 8
7
16
ns
tPLZ
Output disable time from low level
See Figure 8
8
16
ns
† All typical values are at VCC = 5 V and TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
VOD2
VOC
R
L
2
R
L
2
Figure 1. Driver VOD and VOC
VOD3
375
Ω
375
Ω
60
Ω
Vtest
Figure 2. Driver VOD3
50
Ω
Generator
(see Note B)
3 V
CL1 = 100 pF
(see Note A)
CL2 = 100 pF
(see Note A)
RL = 60 Ω
Output
Output
Input
td(ODH)
td(ODL)
tt(OD)
tt(OD)
3 V
0 V
≈2.5 V
≈ −2.5 V
50%
50%
90%
10%
1.5 V
1.5 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
Figure 3. Driver Differential-Output Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com