Electronic Components Datasheet Search
  English  ▼

X  

TL3695P Datasheet(PDF) 11 Page - Texas Instruments

Part # TL3695P
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL3695P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL3695P Datasheet HTML 7Page - Texas Instruments TL3695P Datasheet HTML 8Page - Texas Instruments TL3695P Datasheet HTML 9Page - Texas Instruments TL3695P Datasheet HTML 10Page - Texas Instruments TL3695P Datasheet HTML 11Page - Texas Instruments TL3695P Datasheet HTML 12Page - Texas Instruments TL3695P Datasheet HTML 13Page - Texas Instruments TL3695P Datasheet HTML 14Page - Texas Instruments TL3695P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TL3695
DIFFERENTIAL BUS TRANSCEIVER
SLLS044D − NOVEMBER 1988 − REVISED DECEMBER 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 9
−20
1.5
1
0.5
0
0
2
2.5
3
3.5
4
4.5
5
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VCC = 5 V
TA = 25°C
− 40
− 60
− 80
− 100
− 120
1.5
1
0.5
0
020
40
60
2
2.5
3
80
100
120
3.5
4
4.5
5
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VCC = 5 V
TA = 25°C
Figure 10
2
1.5
0.5
0
0
10
2030
405060
3
4
70
1
3.5
2.5
80
90 100
IO − Output Current − mA
DRIVER
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VCC = 5 V
TA = 25°C
Figure 11
† Operation of the device at these or any other conditions beyond those indicated under ‘‘recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com