Electronic Components Datasheet Search
  English  ▼

X  

TL5209 Datasheet(PDF) 12 Page - Texas Instruments

Part # TL5209
Description  TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL5209 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL5209 Datasheet HTML 8Page - Texas Instruments TL5209 Datasheet HTML 9Page - Texas Instruments TL5209 Datasheet HTML 10Page - Texas Instruments TL5209 Datasheet HTML 11Page - Texas Instruments TL5209 Datasheet HTML 12Page - Texas Instruments TL5209 Datasheet HTML 13Page - Texas Instruments TL5209 Datasheet HTML 14Page - Texas Instruments TL5209 Datasheet HTML 15Page - Texas Instruments TL5209 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
GND
Bandgap
Reference
VIN
Current Limiting and
Thermal Shutdown
VOUT
R1
R2
IN
OUT
COUT
−
+
CBYP
(optional)
ADJ/BYP
EN
TL5209
SLVS581B – SEPTEMBER 2006 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TL5209 device is a low-dropout (LDO) regulator with an input voltage range from 2.5 V to 16 V and a
maximum output current of 500 mA. The output voltage can be adjusted using external resistors (R1 and R2)
and has an accuracy of 1% to 2% depending on the ambient temperature. The maximum voltage drop across the
device varies from 10 mV to 500 mV depending on the current load at the output.
8.2 Functional Block Diagram
Figure 39. Low-Noise Adjustable Regulator
8.3 Feature Description
8.3.1 Enable and Shutdown
The EN pin is CMOS-logic compatible. When EN is held high (>2 V), the regulator is active. Likewise, applying a
low signal (<0.4 V at 25°C) to EN or leaving it open shuts down the regulator. If the enable or shutdown feature
is not needed, EN should be tied to VIN.
8.4 Device Functional Modes
The table below lists the expected value of VOUT as determined by the EN pin.
Table 1. VOUT Function Table
EN (Control Input)
VOUT
L
Open
H
1.242 V × (1 + R2/R1)
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TL5209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com