Electronic Components Datasheet Search
  English  ▼

X  

TL5209 Datasheet(PDF) 13 Page - Texas Instruments

Part # TL5209
Description  TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL5209 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL5209 Datasheet HTML 9Page - Texas Instruments TL5209 Datasheet HTML 10Page - Texas Instruments TL5209 Datasheet HTML 11Page - Texas Instruments TL5209 Datasheet HTML 12Page - Texas Instruments TL5209 Datasheet HTML 13Page - Texas Instruments TL5209 Datasheet HTML 14Page - Texas Instruments TL5209 Datasheet HTML 15Page - Texas Instruments TL5209 Datasheet HTML 16Page - Texas Instruments TL5209 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VIN
IN
OUT
GND
VOUT
1 µF
2.2 µF
470 pF
EN
ADJ/BYP
R1
R2
TL5209
www.ti.com
SLVS581B – SEPTEMBER 2006 – REVISED JUNE 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Low-Voltage Operation
When using the TL5209 in voltage-sensitive applications, special considerations are required. If appropriate
output and bypass capacitors are not chosen properly, these devices may experience a temporary overshoot of
their nominal voltages.
At start-up, the full input voltage is initially applied across the regulator pass transistor, causing it to be
temporarily fully turned on. By contrast, the error amplifier and voltage-reference circuits, being powered from the
output, are not powered up as fast. To slow down the output ramp and give the error amplifier time to respond,
select larger values of output and bypass capacitors. The longer ramp time of the output allows the regulator
enough time to respond and keeps the output from overshooting its nominal value.
To prevent an overshoot when starting up into a light load (
≉100 μA), TI recommends 4.7-μF and 470-pF
capacitors for the output and bypass capacitors, respectively. At higher loads, 10-
μF and 470-pF capacitors
should be used.
If the application is not very sensitive to regulator overshoot, both the output capacitor and bypass capacitor (if
applicable) can be reduced.
9.2 Typical Application
A.
VOUT = 1.242 V (1 + R2/R1)
B.
R2 should be
≤ 470 kΩ for optimal performance.
C.
Maximum VOUT = 6.75 V ± 10%
Figure 40. TL5209 Typical Application
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VIN
5 V
R1
100 k
Ω
Load current
500 mA
Desired VOUT
3.3 V
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TL5209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com